Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS20W Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFS20W
Description  NPN medium frequency transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS20W Datasheet(HTML) 4 Page - NXP Semiconductors

  BFS20W Datasheet HTML 1Page - NXP Semiconductors BFS20W Datasheet HTML 2Page - NXP Semiconductors BFS20W Datasheet HTML 3Page - NXP Semiconductors BFS20W Datasheet HTML 4Page - NXP Semiconductors BFS20W Datasheet HTML 5Page - NXP Semiconductors BFS20W Datasheet HTML 6Page - NXP Semiconductors BFS20W Datasheet HTML 7Page - NXP Semiconductors BFS20W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 21
4
Philips Semiconductors
Product specification
NPN medium frequency transistor
BFS20W
Fig.2
DC current gain as a function of collector
current; typical values.
VCE =10V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
103
10
102
1
MGR830
10−1
110
102
IC (mA)
hFE
(2)
(3)
(1)
Fig.3
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 10.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
MGR831
10−1
110
IC (mA)
VCEsat
(mV)
(1)
103
102
10
102
(2)
(3)
Fig.4
Base-emitter voltage as a function of
collector current; typical values.
VCE =10V.
(1) Tamb = −100 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
1000
200
MGR832
400
600
800
VBE
(mV)
10−1
110
102
IC (mA)
(2)
(3)
(1)
Fig.5
Collector current as a function of
collector-emitter voltage; typical values.
Tamb =25 °C.
(1) IB = 280 µA.
(2) IB = 230 µA.
(3) IB = 180 µA.
(4) IB = 130 µA.
(5) IB =80 µA.
(6) IB =30 µA.
handbook, halfpage
010
VCE (V)
IC
(mA)
(5)
(6)
(1)
25
0
5
MGR833
10
15
20
2468
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com