Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA2311L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UA2311L-S08-R
Description  16 BITS DIGITAL to ANALOG CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA2311L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UA2311L-S08-R Datasheet HTML 1Page - Unisonic Technologies UA2311L-S08-R Datasheet HTML 2Page - Unisonic Technologies UA2311L-S08-R Datasheet HTML 3Page - Unisonic Technologies UA2311L-S08-R Datasheet HTML 4Page - Unisonic Technologies UA2311L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UA2311
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R502-043,A
FUNCTIONAL DESCRIPTION
The UTC UA2311 accepts serial input data format of 16-bits word length. Both left and right data words are time
multiplexed. The last 16 bits word before “WS” changes is recognized as the input data.
The timing and input signal
formats are shown in Figure 1 and 2.
The most significant bit (bit 1) must always be first. The serial input data is shifted and latched for the Right and
Left Channels.
With a HIGH level on the word select input (WS), data is placed in the left input register and with
a LOW level on the WS input, data is placed in the right input register(see Block Diagram). The data in the
input registers are simultaneously latched in the output registers which control the bit switches.
The 16 bits Right/Left Data is then converted to floating point expression whose format consists of 10 bits
mantissa and 7 step exponent. This floating point expression is then converted to analog output voltage by the
resistor-string. This signal is driven to the Right/Left Channel (VOR/VOL) by the buffer operational amplifier.
LEFT
RIGHT
WS
BCK
DIN
LSB+ 1
LSB
MSB
MSB-1
Figure.1 Input Signal Format
tR tH
tF
MSB
LSB
RIGHT
LEFT
WS
BCK
Data
MSB
LSB
Sample Out
Figure.2 Timing and Input Signal Formats



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com