Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37101 Datasheet(PDF) 1 Page - Belden Inc.

Part # 37101
Description  Lead Wire, #1 Str TC, EPDM Ins, AWM 3340 AWM 3374
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

37101 Datasheet(HTML) 1 Page - Belden Inc.

  37101 Datasheet HTML 1Page - Belden Inc. 37101 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 37101
Lead Wire, #1 Str TC, EPDM Ins, AWM 3340 AWM 3374
Product Description
Rubber Lead Wire, 1AWG (210x24) Tinned Copper, EPDM Insulation, AWM 3340 AWM 3374 CSA TYPE CL1254 600V 125C FLEX 150C NO FLEX
Technical Specifications
Product Overview
Suitable Applications:
Class 130(B), 155(F) and also in some 180(H) motor lead systems, high temperature, internal wiring of appliances
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 1
1 AWG 210x24
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
EPDM - Ethylene Propylene Diene Monomer 0.104 in (2.64 mm) 0.583 in (14.8 mm)
Overall Cable Diameter (Nominal):
0.583 in (14.8 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
0.143 Ohm/1000ft
297.6 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
600 V (AWM 3340, AWM 3374)
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-55°C To +150°C
Bend Radius
Stationary Min.
Installation Min.
5.83 in (148 mm) 5.83 in (148 mm)
Max. Pull Tension:
1085 lbs (492.1 kg)
Recommended Max Baking Cycles: 24 Hours @ 300°F (149°C) ~ 4 Hours @ 375°F (190°C)
Bulk Cable Weight:
360 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor, Outdoor
Sustainability:
CA Prop 65
Flammability / Reaction to Fire:
Horizontal flame


Similar Part No. - 37101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
37101E3 VISHAY-37101E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
More results

Similar Description - 37101

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
37102 BELDEN-37102 Datasheet
152Kb / 2P
Lead Wire, #2 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37103 BELDEN-37103 Datasheet
152Kb / 2P
Lead Wire, #3 Str TC, EPDM Ins, AWM 3340 AWM 3374
05-05-2023
37104 BELDEN-37104 Datasheet
152Kb / 2P
Lead Wire, #4 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37106 BELDEN-37106 Datasheet
152Kb / 2P
Lead Wire, #6 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37108 BELDEN-37108 Datasheet
152Kb / 2P
Lead Wire, #8 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37110 BELDEN-37110 Datasheet
152Kb / 2P
Lead Wire, #10 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37112 BELDEN-37112 Datasheet
152Kb / 2P
Lead Wire, #12 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37114 BELDEN-37114 Datasheet
152Kb / 2P
Lead Wire, #14 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37118 BELDEN-37118 Datasheet
152Kb / 2P
Lead Wire, #18 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37190 BELDEN-37190 Datasheet
152Kb / 2P
Lead Wire, #1/0 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com