Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37501 Datasheet(PDF) 1 Page - Belden Inc.

Part # 37501
Description  Lead Wire, #1 Str TC, EPDM Ins, AWM 3499
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

37501 Datasheet(HTML) 1 Page - Belden Inc.

  37501 Datasheet HTML 1Page - Belden Inc. 37501 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 37501
Lead Wire, #1 Str TC, EPDM Ins, AWM 3499
Product Description
Rubber Lead Wire, 1AWG (210x24) Tinned Copper, EPDM Insulation, AWM 3499 7500V 150C
Technical Specifications
Product Overview
Suitable Applications:
internal wiring of appliances, high voltage and high temperature applications
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 1
1 AWG 210x24
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
EPDM - Ethylene Propylene Diene Monomer 0.131 in (3.33 mm) 0.638 in (16.2 mm)
Overall Cable Diameter (Nominal):
0.638 in (16.2 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
0.143 Ohm/1000ft
297.6 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
7500 V (AWM 3499)
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-55°C To +150°C
Bend Radius
Stationary Min.
Installation Min.
6.38 in (162 mm) 6.38 in (162 mm)
Max. Pull Tension:
1085 lbs (492.1 kg)
Recommended Max Baking Cycles: 24 Hours @ 300°F (149°C) ~ 4 Hours @ 375°F (190°C)
Bulk Cable Weight:
391 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor, Outdoor
Sustainability:
CA Prop 65
Flammability / Reaction to Fire:
Horizontal flame


Similar Part No. - 37501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37501 ETC2-37501 Datasheet
127Kb / 2P
STORAGE CONTAINERS
More results

Similar Description - 37501

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
37101 BELDEN-37101 Datasheet
152Kb / 2P
Lead Wire, #1 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37190 BELDEN-37190 Datasheet
152Kb / 2P
Lead Wire, #1/0 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37500 BELDEN-37500 Datasheet
148Kb / 2P
Lead Wire, #2/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
37502 BELDEN-37502 Datasheet
149Kb / 2P
Lead Wire, #2 Str TC, EPDM Ins, AWM 3499
01-20-2023
37504 BELDEN-37504 Datasheet
149Kb / 2P
Lead Wire, #4 Str TC, EPDM Ins, AWM 3499
01-20-2023
37506 BELDEN-37506 Datasheet
149Kb / 2P
Lead Wire, #6 Str TC, EPDM Ins, AWM 3499
01-20-2023
37508 BELDEN-37508 Datasheet
149Kb / 2P
Lead Wire, #8 Str TC, EPDM Ins, AWM 3499
01-20-2023
37530 BELDEN-37530 Datasheet
148Kb / 2P
Lead Wire, #3/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
37540 BELDEN-37540 Datasheet
148Kb / 2P
Lead Wire, #4/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
37590 BELDEN-37590 Datasheet
149Kb / 2P
Lead Wire, #1/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com