Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259BRMZ5-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5259BRMZ5-R7
Description  Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259BRMZ5-R7 Datasheet(HTML) 2 Page - Analog Devices

  AD5259BRMZ5-R7 Datasheet HTML 1Page - Analog Devices AD5259BRMZ5-R7 Datasheet HTML 2Page - Analog Devices AD5259BRMZ5-R7 Datasheet HTML 3Page - Analog Devices AD5259BRMZ5-R7 Datasheet HTML 4Page - Analog Devices AD5259BRMZ5-R7 Datasheet HTML 5Page - Analog Devices AD5259BRMZ5-R7 Datasheet HTML 6Page - Analog Devices AD5259BRMZ5-R7 Datasheet HTML 7Page - Analog Devices AD5259BRMZ5-R7 Datasheet HTML 8Page - Analog Devices AD5259BRMZ5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AD5259
Preliminary Technical Data
Rev. PrJ 7/22/04 | Page 2 of 14
TABLE OF CONTENTS
Electrical Characteristics—5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Versions.............................................................................................. 3
Timing Characteristics—5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ Versions 4
Absolute Maximum Ratings1 .......................................................... 5
Outline Dimensions ....................................................................... 12
Ordering Guide .......................................................................... 13
ESD Caution................................................................................ 13
REVISION HISTORY
Revision 0: Initial Version
I2C SERIAL
INTERFACE
SCL
SDA
AD0
AD1
V
DD
GND
A
W
B
AD5259
Vlogic
RDAC
REGISTER
and
LEVEL
SHIFTER
EEPROM
COMMAND
DECODE LOGIC
ADDRESS
DECODE LOGIC
CONTROL
LOGIC
Figure 3. Block diagram showing level shifters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com