Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS540 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFS540
Description  NPN 9 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS540 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFS540 Datasheet HTML 1Page - NXP Semiconductors BFS540 Datasheet HTML 2Page - NXP Semiconductors BFS540 Datasheet HTML 3Page - NXP Semiconductors BFS540 Datasheet HTML 4Page - NXP Semiconductors BFS540 Datasheet HTML 5Page - NXP Semiconductors BFS540 Datasheet HTML 6Page - NXP Semiconductors BFS540 Datasheet HTML 7Page - NXP Semiconductors BFS540 Datasheet HTML 8Page - NXP Semiconductors BFS540 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
November 1992
4
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFS540
Fig.2 Power derating curve.
VCE ≤ 10 V.
handbook, halfpage
0
50
100
200
400
300
100
0
200
MRC008 - 1
150
P
tot
(mW)
T
s
(o C)
Fig.3
DC current gain as a function of collector
current.
VCE = 8 V; Tj =25 °C.
handbook, halfpage
0
50
100
150
200
10−1
10−2
110
102
IC (mA)
h FE
MRC010
Fig.4
Feedback capacitance as a function of
collector-base voltage.
IC = 0; f = 1 MHz.
handbook, halfpage
MRC001
0
0.2
0.4
0.6
0.8
1
0246
8
10
12
(pF)
V
(V)
CB
Cre
Fig.5
Transition frequency as a function of
collector current.
f = 1 GHz; Tamb =25 °C.
handbook, halfpage
MRC002
0
4
8
12
110
102
V
= 8 V
CE
4 V
f T
(GHz)
IC (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com