Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259BCPZ100-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5259BCPZ100-R7
Description  Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259BCPZ100-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5259BCPZ100-R7 Datasheet HTML 6Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 7Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 8Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 9Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 10Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 11Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 12Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 13Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AD5259
Preliminary Technical Data
Rev. PrJ 7/22/04 | Page 10 of 14
DISPLAY APPLICATIONS
Figure 1. VCOM adjustment application assuming that a +5V supply is available. In this case, VDD and VLOGIC would be tied together.
Figure 2. This circuit demonstrates the flexibility of a VLOGIC pin when a separate supply is not available for VDD. VDD can be tapped off
the +14.4V where it is resistor divided down to approximately ~5V. VLOGIC can then be taken off the same supply that powers the MCU’s
logic levels. Now, the 35 mA programming current will be drawn by VLOGIC, and VDD will only draw microamps of supply current used to
bias up the internal switches in the digital potentiometer’s internal resistor string.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com