Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B47-R-08-1 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B47-R-08-1
Description  Isolated, Linearized Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B47-R-08-1 Datasheet(HTML) 2 Page - Analog Devices

  7B47-R-08-1 Datasheet HTML 1Page - Analog Devices 7B47-R-08-1 Datasheet HTML 2Page - Analog Devices 7B47-R-08-1 Datasheet HTML 3Page - Analog Devices 7B47-R-08-1 Datasheet HTML 4Page - Analog Devices 7B47-R-08-1 Datasheet HTML 5Page - Analog Devices 7B47-R-08-1 Datasheet HTML 6Page - Analog Devices 7B47-R-08-1 Datasheet HTML 7Page - Analog Devices 7B47-R-08-1 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B47
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B47 is a single-channel signal conditioning module that
interfaces, amplifies and filters input voltages from a J, K, T, E, R,
S, B, or N-type thermocouple and provides an isolated and
protected precision output of either +1V to +5V or 0 to +10 V,
linear with input temperature. High accuracy internal cold
junction compensation and a predictable upscale open circuit
indication provide a complete signal conditioning solution. To
accurately measure low level signals in electrically noisy
environments, 1500 V rms of galvanic transformer-based
isolation with a common mode rejection (CMR) of 160 of 160
dB @ 50/60 Hz and a normal mode rejection (NMR) of 60 dB @
50/60 Hz are provided. Rated to operate with a nominal +24
VDC supply, Model 7B47 is mix-and-match and hot-swappable
with other 7B Series input modules, so it can be inserted or
removed from any socket in the same backplane without
disturbing system power.
The three input pins of model 7B47 are fully protected up to
120 V rms line voltages. A one-pole 3 Hz filter preconditions the
thermocouple signal prior to amplification, provided by a low
drift input amplifier. Cold junction compensation (CJC) is
implemented using a thermistor temperature sensor embedded
under the input screw terminal block on a 7B Series backplane.
A voltage reference source acts to offset the thermocouple
signal in accordance with the specified lower bound on the
input temperature range. A current source provides the upscale
open circuit indication. Amplitude modulation is used to
implement transformer isolation (1500) V rms input-to-output
and power). Isolated front-end circuitry power is supplied by a
DC/DC converter. The output section contains a demodulator,
linearizer. A two-pole low pass filter (-3 dB @ 3 Hz), a buffer
amplifier and a power oscillator. The two-pole output filter and
subsequent buffer ensures that a low noise, low impedance
(<1Ω) signal is available at the output to drive loads down to 2
kΩ .
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com