Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV102 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAV102
Description  Single general-purpose switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV102 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAV102 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV102 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV102 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV102 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV102 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV102 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV102 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV102 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV102 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© Nexperia B.V. 2017. All rights reserved
BAV102_BAV103
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 4 — 6 August 2010
2 of 11
Nexperia
BAV102; BAV103
Single general-purpose switching diodes
2.
Pinning information
[1]
The marking band indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
ka
006aab040
2
1
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BAV102
-
hermetically sealed glass surface-mounted package;
2 connectors
SOD80C
BAV103
Table 5.
Marking codes
Type number
Marking code
BAV102
marking band
BAV103
marking band
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
BAV102
-
200
V
BAV103
-
250
V
VR
reverse voltage
BAV102
-
150
V
BAV103
-
200
V
IF
forward current
[1][2] -250
mA
IFRM
repetitive peak forward
current
-625
mA
IFSM
non-repetitive peak
forward current
square wave
[3]
tp =1 μs-
9
A
tp =100 μs-
3
A
tp =1s
-
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com