Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B47-R-08-2 Datasheet(PDF) 3 Page - Analog Devices

Part # 7B47-R-08-2
Description  Isolated, Linearized Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B47-R-08-2 Datasheet(HTML) 3 Page - Analog Devices

  7B47-R-08-2 Datasheet HTML 1Page - Analog Devices 7B47-R-08-2 Datasheet HTML 2Page - Analog Devices 7B47-R-08-2 Datasheet HTML 3Page - Analog Devices 7B47-R-08-2 Datasheet HTML 4Page - Analog Devices 7B47-R-08-2 Datasheet HTML 5Page - Analog Devices 7B47-R-08-2 Datasheet HTML 6Page - Analog Devices 7B47-R-08-2 Datasheet HTML 7Page - Analog Devices 7B47-R-08-2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7B47
Rev. 0 | Page 3 of 8
7B47 Models Available
Model
Input Type
Input Range
Output Range
Accuracy1
(Typical)
Accuracy1
(Maximum)
7B47-J-01-1
Type J
0°C to +760°C (+32°F to +1400°F)
+1 V to +5 V
±0.15% Span
±0.38% Span
7B47-J-01-2
Type J
0°C to +760°C (+32°F to +1400°F)
0 V to +10 V
±0.13% Span
±0.32% Span
7B47-J-02-1
Type J
-100°C to +300°C (-148°F to +572°F)
+1 V to +5 V
±0.16% Span
±0.35% Span
7B47-J-02-2
Type J
-100°C to +300°C (-148°F to +572°F)
0 V to +10 V
±0.14% Span
±0.30% Span
7B47-K-03-1
Type K
0°C to +1300°C (+32°F to +2372°F)
+1 V to +5 V
±0.15% Span
±0.35% Span
7B47-K-03-2
Type K
0°C to +1300°C (+32°F to +2372°F)
0 V to +10 V
±0.15% Span
±0.32% Span
7B47-K-04-1
Type K
0°C to +600°C (-148°F to +1112°F)
+1 V to +5 V
±0.09% Span
±0.20% Span
7B47-K-04-2
Type K
0°C to +600°C (-148°F to +1112°F)
0 V to +10 V
±0.08% Span
±0.18% Span
7B47-T-05-1
Type T
0°C to +400°C (+32°F to +752°F)
+1 V to +5 V
±0.24% Span
±0.05% Span
7B47-T-05-2
Type T
0°C to +400°C (+32°F to +752°F)
0 V to +10 V
±0.19% Span
±0.38% Span
7B47-T-06-1
Type T
-100°C to +200°C (-148°F to +392°F)
+1 V to +5 V
±0.29% Span
±0.57% Span
7B47-T-06-2
Type T
-100°C to +200°C (-148°F to +392°F)
0 V to +10 V
±0.25% Span
±0.47% Span
7B47-E-07-1
Type E
0°C to +900°C (+32°F to +1652°F)
+1 V to +5 V
±0.18% Span
±0.41% Span
7B47-E-07-2
Type E
0°C to +900°C (+32°F to +1652°F)
0 V to +10 V
±0.15% Span
±0.34% Span
7B47-R-08-1
Type R
+500°C to +1750°C (+932°F to +3182°F)
+1 V to +5 V
±0.29% Span
±0.36% Span
7B47-R-08-2
Type R
+500°C to +1750°C (+932°F to +3182°F)
0 V to +10 V
±0.25% Span
±0.30% Span
7B47-S-09-1
Type S
+700°C to +1750°C (+1292°F to +3182°F)
+1 V to +5 V
±0.13% Span
±0.31% Span
7B47-S-09-2
Type S
+700°C to +1750°C (+1292°F to +3182°F)
0 V to +10 V
±0.11% Span
±0.25% Span
7B47-B-10-1
Type B
+800°C to +1800°C (+1472°F to +3272°F)
+1 V to +5 V
±0.19% Span
±0.41% Span
7B47-B-10-2
Type B
+800°C to +1800°C (+1472°F to +3272°F)
0 V to +10 V
±0.17% Span
±0.35% Span
7B47-N-11-1
Type N
+200°C to +1300°C (+392°F to +2372°F)
+1 V to +5 V
±0.14% Span
±0.31% Span
7B47-N-11-2
Type N
+200°C to +1300°C (+392°F to +2372°F)
0 V to +10 V
±0.09% Span
±0.27% Span
1 Accuracy includes the effects of repeatability, hysteresis and conformity. The CJC sensor accuracy should be added to the 7B47 module accuracy listed in these tables in order to
compute the overall system accuracy.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com