Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX79 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BZX79
Description  Voltage regulator diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BZX79 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BZX79 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BZX79 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BZX79 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BZX79 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BZX79 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BZX79 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BZX79 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BZX79 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BZX79 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2002 Feb 27
3
NXP Semiconductors
Product data sheet
Voltage regulator diodes
BZX79 series
IR
reverse current
BZX79-B/C2V4
VR = 1 V
50
μA
BZX79-B/C2V7
VR = 1 V
20
μA
BZX79-B/C3V0
VR = 1 V
10
μA
BZX79-B/C3V3
VR = 1 V
5
μA
BZX79-B/C3V6
VR = 1 V
5
μA
BZX79-B/C3V9
VR = 1 V
3
μA
BZX79-B/C4V3
VR = 1 V
3
μA
BZX79-B/C4V7
VR = 2 V
3
μA
BZX79-B/C5V1
VR = 2 V
2
μA
BZX79-B/C5V6
VR = 2 V
1
μA
BZX79-B/C6V2
VR = 4 V
3
μA
BZX79-B/C6V8
VR = 4 V
2
μA
BZX79-B/C7V5
VR = 5 V
1
μA
BZX79-B/C8V2
VR = 5 V
700
nA
BZX79-B/C9V1
VR = 6 V
500
nA
BZX79-B/C10
VR = 7 V
200
nA
BZX79-B/C11
VR = 8 V
100
nA
BZX79-B/C12
VR = 8 V
100
nA
BZX79-B/C13
VR = 8 V
100
nA
BZX79-B/C15 to BZX79-B/C75
VR = 0.7VZnom
50
nA
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com