Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5Z12VT5G Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # MM5Z12VT5G
Description  Voltage regulator diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MM5Z12VT5G Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  MM5Z12VT5G Datasheet HTML 1Page - Nexperia B.V. All rights reserved MM5Z12VT5G Datasheet HTML 2Page - Nexperia B.V. All rights reserved MM5Z12VT5G Datasheet HTML 3Page - Nexperia B.V. All rights reserved MM5Z12VT5G Datasheet HTML 4Page - Nexperia B.V. All rights reserved MM5Z12VT5G Datasheet HTML 5Page - Nexperia B.V. All rights reserved MM5Z12VT5G Datasheet HTML 6Page - Nexperia B.V. All rights reserved MM5Z12VT5G Datasheet HTML 7Page - Nexperia B.V. All rights reserved MM5Z12VT5G Datasheet HTML 8Page - Nexperia B.V. All rights reserved MM5Z12VT5G Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
MM5Z series
Voltage regulator diodes
Table 8. Electrical characteristics per type: MM5Z2V4T5G to MM5Z24VT5G
Tj = 25 °C unless otherwise specified.
Working voltage
VZ (V)
Differential
resistance
rdiff (Ω)
Temperature
coefficient
SZ (mV/K)
IZ = 5 mA
Reverse current
IR (µA)
IZ = 1
mA
IZ = 5
mA
IZ = 5 mA
Diode
capacitance
Cd (pF)[1]
MM5ZxxxT5G
Min
Max
Max
VR (V) Max
Max
Min
Max
Max
2V4
2.35
2.45
50.0
1.0
400
100
-3.5
0
450
2V7
2.65
2.75
20.0
1.0
450
100
-3.5
0
440
3V0
2.94
3.06
10.0
1.0
500
95
-3.5
0
425
3V3
3.23
3.37
5.0
1.0
500
95
-3.5
0
410
3V6
3.53
3.67
5.0
1.0
500
90
-3.5
0
390
3V9
3.82
3.98
3.0
1.0
500
90
-3.5
0
370
4V3
4.21
4.39
3.0
1.0
600
90
-3.5
0
350
4V7
4.61
4.79
3.0
2.0
500
80
-3.5
0.2
325
5V1
5.00
5.20
2.0
2.0
480
60
-2.7
1.2
300
5V6
5.49
5.71
1.0
2.0
400
40
-2.0
2.5
275
6V2
6.08
6.32
3.0
4.0
150
10
0.4
3.7
250
6V8
6.66
6.94
2.0
4.0
80
15
1.2
4.5
215
7V5
7.35
7.65
1.0
5.0
80
10
2.5
5.3
170
8V2
8.04
8.36
0.7
5.0
80
10
3.2
6.2
150
9V1
8.92
9.28
0.5
6.0
100
10
3.8
7.0
120
10V
9.80
10.20
0.2
7.0
150
10
4.5
8.0
110
11V
10.78
11.22
0.1
8.0
150
10
5.4
9.0
110
12V
11.76
12.24
0.1
8.0
150
10
6.0
10.0
105
13V
12.74
13.26
0.1
8.0
170
10
7.0
11.0
105
15V
14.70
15.30
0.05
10.5
200
15
9.2
13.0
100
16V
15.68
16.32
0.05
11.2
200
40
10.4
14.0
90
18V
17.64
18.36
0.05
12.6
225
45
12.4
16.0
80
20V
19.60
20.40
0.05
14.0
225
55
14.4
18.0
70
22V
21.56
22.44
0.05
15.4
250
55
16.4
20.0
60
24V
23.52
24.48
0.05
16.8
250
70
18.4
22.0
55
[1] f = 1 MHz; VR = 0 V
MM5Z_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 7 April 2021
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com