Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMEB Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CMEB
Description  Extendable DIN Rail Terminal Enclosure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CMEB Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CMEB Datasheet HTML 1Page - CamdenBoss Ltd. CMEB Datasheet HTML 2Page - CamdenBoss Ltd. CMEB Datasheet HTML 3Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
K e y F ea tur es
Call our sales team today on 01638 716101
01
CMEB
Pr oduct Ov ervie w
The UK manufactured CMEB Extendable DIN Rail Terminal
Enclosure features two removable side panels to offering
accessible internal wiring. Unique extension pieces can be used
to connect multiple bodies together, providing more poles and
wiring options. Internal solder tags offer an effective way of
connecting to PCBs or flying wires. Accommodates full size
internal PCBs, with the extended version supporting horizontal or
vertical PCB’s or seperators between high and low power sides.
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 2
Modular Design Options
Open Top body capable of
interchangeable lids, whilst Solid
top creates a pre enclosed housing.
Adjoining Solder Tags
Integrated solder tag terminals
simplify the assembly of your
internal electrical componentry.
Additional PCB positions
Extended vertical and horizontal
positions can seperate low/high
voltage and input/output wires.
Two Removable Side Panels
Side panels clip on and clip off for
improved access to the internal
space of the enclosure.
PART NUMBERS (KIT S)
BODY TYPE
PART NUMBER
KIT INCLUDES
SOLID TOP
CMEB/1ST/KIT
1x Solid top body, 2x End panels, 2x Terminal screw covers, 1x black clip, 1x white clip
OPEN TOP CLEAR
CMEB/1PC/KIT
1x Open top body, 2x End panels, 2x Terminal screw covers, 1x Clear top, 1x black clip, 1x white clip
OPEN TOP GREY
CMEB/1PG/KIT
1x Open top body, 2x End panels, 2x Terminal screw covers, 1x Grey top, 1x black clip, 1x white clip
SOLID TOP EXTENSION*
CMEB/1ST/E/KIT
1x Solid top body, 2x Extension arms, 2x Terminal screw covers, 1x white clip
OPEN TOP CLEAR EXTENSION*
CMEB/1PC/E/KIT
1x Open top body, 2x Extension arms, 2x Terminal screw covers, 1x Clear top, 1x white clip
OPEN TOP GREY EXTENSION*
CMEB/1PG/E/KIT
1x Open top body, 2x Extension arms, 2x Terminal screw covers, 1x Grey top, 1x white clip
CMEB/ 1S T/KIT
*Extension kits to be ordered alongside at least one standard housing e.g. For a 3 way housing please order 2 extension kits and 1 standard housing.
White clip required for surface mounting. Not essential for DIN Rail mounting.
CMEB/ 1PC/KIT
CMEB/ 1PG/KIT
Clip Together Design
Snap fitted parts remove the
need for screws, streamlining the
assembly process.
Pre-fitted Terminals
Eight 7mm saddle washer terminals,
secured by M3 screws. Compliant to
EN60999-1 terminal standards.
Extendable Enclosure
Specially designed Extension arms
allow you to assemble an enclosure
to your width requirements.
Dual Mounting Options
Fits on a 35mm top hat DIN Rail
or can be mounted directly onto a
surface.
P ot ential indus tries / applica tions
Din Rail Switch Enclosures, DIN Rail Input and Output devices, DIN Rail Smart
Building device, DIN Rail Power meter, DIN Rail Building control, DIN Rail
stairway switch, DIN Rail Home Automation Universal Transmitters, DIN Rail
Voltage Monitoring Relay, DIN Rail Relay Timer Light Switch, DIN Rail Current
Monitoring Relay, Isolated Universal Temperature DIN rail Transmitter, DIN
Rail MeterBus level converters, DIN Rail Solid State Relay, DIN Rail Voltage
Monitoring Relay, DIN Rail Solid State Relay
Industrial IoT, Home automation, smart city device, controllers, relays, switches,
Transmitters, power meters.
CMEB/ 1PC/E/KIT
Extendable DIN Rail
Terminal Enclosure


Similar Part No. - CMEB

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMEB1713 CANOPUS-CMEB1713 Datasheet
482Kb / 1P
Mechanical Buzzer (DC)
CMEB1713A04BP CANOPUS-CMEB1713A04BP Datasheet
482Kb / 1P
Mechanical Buzzer (DC)
CMEB1713C04BP CANOPUS-CMEB1713C04BP Datasheet
482Kb / 1P
Mechanical Buzzer (DC)
CMEB1713F04BP CANOPUS-CMEB1713F04BP Datasheet
482Kb / 1P
Mechanical Buzzer (DC)
CMEB1713G04BP CANOPUS-CMEB1713G04BP Datasheet
482Kb / 1P
Mechanical Buzzer (DC)
More results

Similar Description - CMEB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3909 ADVANTECH-ADAM-3909 Datasheet
564Kb / 2P
DIN-rail Terminal Boards
ADAM-3900 ADVANTECH-ADAM-3900 Datasheet
547Kb / 1P
DIN-rail Terminal Boards
logo
CUI Devices
TBDR-05-15-GY CUID-TBDR-05-15-GY Datasheet
341Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
TBDR-05-25-GY CUID-TBDR-05-25-GY Datasheet
338Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
TBDR-07-15-GY CUID-TBDR-07-15-GY Datasheet
340Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
TBDR-08-15-GY CUID-TBDR-08-15-GY Datasheet
341Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
TBDR-10-15-GY CUID-TBDR-10-15-GY Datasheet
339Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
TBDR-10-25-GY CUID-TBDR-10-25-GY Datasheet
343Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
TBDR-13-15-BK CUID-TBDR-13-15-BK Datasheet
372Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
logo
FIBOX Enclosing innovat...
3510844 FIBOX-3510844 Datasheet
47Kb / 1P
DIN terminal rail
31.07.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com