Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMEB/1ST/KIT Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CMEB/1ST/KIT
Description  Extendable DIN Rail Terminal Enclosure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CMEB/1ST/KIT Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CMEB/1ST/KIT Datasheet HTML 1Page - CamdenBoss Ltd. CMEB/1ST/KIT Datasheet HTML 2Page - CamdenBoss Ltd. CMEB/1ST/KIT Datasheet HTML 3Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AC CES SORIES
PART NUMBER
DESCRIPTION
CMEB/BL/8
DIN Rail Terminal Enclosure Terminal Blank Set of 8
-
-
-
-
-
B
C
D
1
2
A
2
1
4
B
A
5
6
DRAWN
CHK'D
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN MILLIMETERS
FINISH.
NAME
SIGNED
DATE
MATERIAL.
DO NOT SCALE DRAWING
TITLE:
DWG NO.
SHEET 1 OF 1
A4
C
PROJECTION.
REVISION.
CMEB_1 LxWxH
-
-
-
I.P
IAN PAGANO
-
-
-
-
3
3
GENERAL TOLERANCES +/- 0.2
JAMES CARTER RD, MILDENHALL, SUFFOLK. IP28 7DE
TEL: 01638 716101 FAX: 01638 716554
EMAIL: Sales@CamdenBoss.com
WEB: www.CamdenBoss.com
-
SCALE. -
COLOUR.
-
ECR
BY
DATE
REV
CHANGE NOTE
Call our sales team today on 01638 716101
02
RANGE SPECIFICATION
MATERIALS
Enclosure
UL94-V0 Polycarbonate
End panels
UL94-V0 Polycarbonate
Extension bracket
UL94-V0 Polycarbonate
Screws / Saddle Washer
Steel bright nickle plated
Nuts
Steel BZP
COLOURS
Grey
RAL7035
COMPLIANCE
RoHS compliant
ELECTRICAL RATING
8A/250V rated (EN 62208),
0.8mm thick steel & nickel-plated terminals (EN 60999-1)
CONDUCTOR SIZE
8 Poles
Rigid/Solid - 2.5mm2
Rigid/Stranded - 1.5mm2
Flexible - 1.5mm2
IP RATING
Enclosure
IP40
Terminals
IP20
TEST RESULTS
Standard
Test
Result
Test report
UL94
Flammability
V0
E353371
IEC 60998-2-1
Resistance to ageing
and humidity
PASS
56187*
IEC 60998-2-1
GWT
850°C
56187*
IEC 60998-2-1
Clearance and
creepage
PASS
56187*
IEC 60112
Tracking
PTI 175V
56187*
DIN 43880
DIN Rail Standard
PASS
N/A
SCREW TORQUE
M3
0.65Nm
PURCHASING INFORMA-
TION
Country of origin
Great Britain (GB)
Commodity code
3926909790
Weight
CMEB/1ST/KIT
27.8g
CMEB/1P_ _/KIT
28.8g
CMEB/1ST/E/KIT
19.6g
CMEB/1P_ _/E/KIT
20.6g
Enclosure type
DIN Rail
INDIVIDUAL SIZE DIMENSIONS
EXTERNAL DIMENSIONS
(LX W XH)
INTERNAL DIMENSIONS
(LX W XH)
WALL THICKNES S
90mm x 17.86mm x 61.3mm
86mm x 42.4mm x 15.25mm
Enclosure - 1.09mm
End Panels - 1.3mm
H
L
W
Digital printing, CNC customised.
Cus t omisa tion options
*Tested to
The CMEB blanking kit provides a way of closing off certain
terminals that are not required. This ensures that the installer does
not wire up the enclosure incorrectly.
PCB positions
DIMENSIONS FOR EACH PO SITION
PCB MOUNTING
PO SITION
MAX PCB DIMENSIONS
(LX W)
A
Planar
See technical drawing
B
Vertical
48mm x 14.7mm*
C
Horizontal
60.7mm x 16.5mm*
D
Horizontal
84.7mm x 16.5mm*
E
Horizontal
83mm x 16.5mm*
B
B
C
D
E
Single enclosur e
Ext ended enclosur e
A
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 2
CMEB Extendable DIN Rail
Terminal Enclosure



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com