Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20H Datasheet(PDF) 3 Page - CUI Devices

Part # CP20H
Description  PELTIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CP20H Datasheet(HTML) 3 Page - CUI Devices

  CP20H Datasheet HTML 1Page - CUI Devices CP20H Datasheet HTML 2Page - CUI Devices CP20H Datasheet HTML 3Page - CUI Devices CP20H Datasheet HTML 4Page - CUI Devices CP20H Datasheet HTML 5Page - CUI Devices CP20H Datasheet HTML 6Page - CUI Devices CP20H Datasheet HTML 7Page - CUI Devices CP20H Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CUI DEVICES | SERIES: CP20H | DESCRIPTION: PELTIER MODULE
date 08/05/2022 | page 3 of 8
cuidevices.com
1.2 A
1.6 A
2 A
0.8 A
4.0
2.0
1.2
A
2 A
0.4 A
1.6
A
0.8 A
0.4 A
70
60
50
40
30
20
10
0
4.0
3.0
2.0
0
T=Th-Tc (°C)
0
1.0
CP20147H PERFORMANCE (Th=27°C)
1.2 A
1.6 A
2 A
0.8 A
4.0
2.0
1.2
A
2 A
0.4 A
1.6
A
0.8 A
0.4 A
70
60
50
40
30
20
10
0
4.0
3.0
2.0
0
T=Th-Tc (°C)
0
1.0
CP20147H PERFORMANCE (Th=50°C)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com