Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMX Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # AMX
Description  Automotive bolt in fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

AMX Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  AMX Datasheet HTML 1Page - Eaton All Rights Reserved. AMX Datasheet HTML 2Page - Eaton All Rights Reserved. AMX Datasheet HTML 3Page - Eaton All Rights Reserved. AMX Datasheet HTML 4Page - Eaton All Rights Reserved. AMX Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data ELX1218
Effective August 2022
AMX/AMXL
Automotive bolt in fuse
www.eaton.com/electronics
Product specifications
Typical cold resistance
Part number
Rated current (A)
Voltage rating (Vdc)
Breaking capacity1
(mOhms)2
AMX(L)-80
80
63/100/125
8 kA @ 63 Vdc*
6 KA @ 100 Vdc*
3 kA @ 125 Vdc
0.51
AMX(L)-100
100
63/100/125
8 kA @ 63 Vdc*
6 KA @ 100 Vdc*
3 kA @ 125 Vdc
0.43
AMX(L)-150
150
63/100/125
8 kA @ 63 Vdc*
6 KA @ 100 Vdc*
3 kA @ 125 Vdc
0.33
AMX(L)-200
200
63/100/125
8 kA @ 63 Vdc*
6 KA @ 100 Vdc*
3 kA @ 125 Vdc
0.24
AMX(L)-250
250
63/100/125
8 kA @ 63 Vdc*
6 KA @ 100 Vdc*
3 kA @ 125 Vdc
0.19
AMX(L)-300
300
63/100/125
8 kA @ 63 Vdc*
6 KA @ 100 Vdc*
3 kA @ 125 Vdc
0.16
AMX(L)-350
350
63/100/125
3 kA @ 125 Vdc
0.13
1. *=Self-certified for 63 Vdc/8 kA and 100 Vdc/6 kA Breaking Capacity, TC < 1.5 ms
2. Cold resistance is measured at <10% rated current
Dimensions- mm
Drawing not to scale
Part number
Dimension A (mm)
AMX-XXX
30.0 +/- 0.3
AMXL-XXX
35.5 +/- 0.3
Electrical characteristics
Amp rating
1.0 In
3.0 In
80 - 350
4 hours minimum
< 10 seconds
Recommended torque: M6: 5-5.5N∙m
M5: 3.5-4N∙m



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com