Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1562B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS1562B
Description  User Programmable Differential Output Graphics Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1562B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS1562B Datasheet HTML 9Page - Renesas Technology Corp ICS1562B Datasheet HTML 10Page - Renesas Technology Corp ICS1562B Datasheet HTML 11Page - Renesas Technology Corp ICS1562B Datasheet HTML 12Page - Renesas Technology Corp ICS1562B Datasheet HTML 13Page - Renesas Technology Corp ICS1562B Datasheet HTML 14Page - Renesas Technology Corp ICS1562B Datasheet HTML 15Page - Renesas Technology Corp ICS1562B Datasheet HTML 16Page - Renesas Technology Corp ICS1562B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
BIT(S)
BIT REF.
DESCRIPTION
33-38
M[0]..M[5]
M counter control bits
Modulus = value +1
39
FBKPOL
External feedback polarity control bit. The PLL will lock to the falling
edge of EXTFBK when FBKPOL=1 and to the rising edge of EXTFBK
when FBKPOL=0.
40
DBLFREQ
Doubles modulus of dual-modulus prescaler (from 6/7 to 12/14).
41-44
A[0]..A[3]
Controls A counter. When set to zero, modulus=7. Otherwise,
modulus=7 for “value” underflows of the prescaler, and modulus=6
thereafter until M counter underflows.
45
RESERVED
Set to zero.
46
LOADEN~
Load clock divider enable (active low). When set to logic 1, the LOAD
and LD/N2 outputs will cease toggling.
47
SKEW-
Differential output duty factor adjust.
48
SKEW+
49-55
R[0]..R[6]
Reference divider modulus control bits
Modulus = value + 1
56
REFPOL
PLL locks to the rising edge of XTAL1 input when REFPOL=1 and to
the falling edge of XTAL1 when REFPOL=0.
SKEW+
SKEW-
0
0
Default
0
1
Reduces THIGH by approximately
100 ps
1
0
Increases THIGH by approximately
100 ps
1
1
Do not use
ICS1562B
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com