Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1894-32 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS1894-32
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1894-32 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS1894-32 Datasheet HTML 9Page - Renesas Technology Corp ICS1894-32 Datasheet HTML 10Page - Renesas Technology Corp ICS1894-32 Datasheet HTML 11Page - Renesas Technology Corp ICS1894-32 Datasheet HTML 12Page - Renesas Technology Corp ICS1894-32 Datasheet HTML 13Page - Renesas Technology Corp ICS1894-32 Datasheet HTML 14Page - Renesas Technology Corp ICS1894-32 Datasheet HTML 15Page - Renesas Technology Corp ICS1894-32 Datasheet HTML 16Page - Renesas Technology Corp ICS1894-32 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
ICS1894-32
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PHYCEIVER
IDT® 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
13
ICS1894-32
REV M 021512
Crystal or Oscillator Connection
10 pF (optional)
REFIN
30
REFOUT
29
CMOS
50.000
MHz
33 Ohm (optional)
NC
ICS1894-32
RMII w/ Oscillator Input
25 pF
REFIN
30
REFOUT
29
25.000MHz
25 pF
ICS1894-32
MII w/ Crystal Input
10 pF (optional)
REFIN
30
REFOUT
29
CMOS
25.000
MHz
33 Ohm (optional)
NC
MII w/ Oscillator Input
ICS1894-32
NOTE: 25 pF crystal load
capacitors were required to bring
the ppm for the 25 MHz crystal to
within ±50 ppm on the IDT 1894
PHY evaluation board. The crystal
used had a recommended load
capacitance of 18 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com