Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS4231-03 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS4231-03
Description  LOW EMI CLOCK GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS4231-03 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS4231-03 Datasheet HTML 1Page - Renesas Technology Corp ICS4231-03 Datasheet HTML 2Page - Renesas Technology Corp ICS4231-03 Datasheet HTML 3Page - Renesas Technology Corp ICS4231-03 Datasheet HTML 4Page - Renesas Technology Corp ICS4231-03 Datasheet HTML 5Page - Renesas Technology Corp ICS4231-03 Datasheet HTML 6Page - Renesas Technology Corp ICS4231-03 Datasheet HTML 7Page - Renesas Technology Corp ICS4231-03 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS4231-03
LOW EMI CLOCK GENERATOR
SSCG
IDT™ / ICS™ LOW EMI CLOCK GENERATOR
2
ICS4231-03
REV C 051310
Pin Assignment
Output Enable Function Table
0 = connect to GND
1 = connect directly to VDD
Note: OE# pin has an internal pull-down resistor
Frequency Range and Spread Table
Note: FS1:0 have internal pull-up resistors
Pin Descriptions
1
2
3
X1/CLKIN
4
X2
GND
FS1
FS0
VDD
CLKOUT
8
7
6
5
OE#
8 pin (150 mil) SOIC
OE#
(Pin 8)
Output Status
0
Running
1Tri-state
FS1
(Pin 7)
FS0
(Pin 4)
Clock Input
Frequency
(MHz)
Crystal Input
Frequency
(MHz)
Spread Amount
0
0
10-20
10-20
±1.875%
0
1
10-20
10-20
±1.0%
1
0
20-33
20-25
±1.875%
1
1
20-33
20-25
-2.0%
Pin
Number
Pin
Name
Pin Type
Pin Description
1
X1/CLKIN
Input
Crystal or Clock Input.
2
X2
Output
Crystal output. Float for a clock input.
3
GND
Power
Connect to ground.
4
FS0
Input
Select pin for input frequency and spread amount. See table above. Internal
pull up resistor.
5
CLKOUT
Output
Spread spectrum clock output per table above.
6
VDD
Power
Connect to 5V.
7
FS1
Input
Select pin for input frequency and spread amount. See table above. Internal
pull up resistor.
8
OE#
Input
Output Enable. Active Low. See table above. Internal pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com