Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8432-101 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS8432-101
Description  700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8432-101 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS8432-101 Datasheet HTML 1Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 2Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 3Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 4Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 5Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 6Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 7Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 8Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IDT™ / ICS™ 700MHZ, 3.3V LVPECL FREQUENCY SYNTHESIZER
2
ICS8432DY-101 REV. C APRIL 10, 2007
ICS8432-101
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
event occurs. As a result, the M and N bits can be hardwired to
set the M divider and N output divider to a specific default state
that will automatically occur during power-up. The TEST output
is LOW when operating in the parallel input mode. The relation-
ship between the VCO frequency, the input frequency and the M
divider is defined as follows:
The M value and the required values of M0 through M8 are
shown in Table 3B, Programmable VCO Frequency Function
Table. Valid M values for which the PLL will achieve lock for a
25MHz reference are defined as 8
≤ M ≤ 28. The frequency out
is defined as follows:
Serial operation occurs when nP_LOAD is HIGH and S_LOAD is
LOW. The shift register is loaded by sampling the S_DATA
bits with the rising edge of S_CLOCK. The contents of the shift reg-
ister are loaded into the M divider and N output divider when S_LOAD
transitions from LOW-to-HIGH. The M divide and N output divide
values are latched on the HIGH-to-LOW transition of S_LOAD. If
S_LOAD is held HIGH, data at the S_DATA input is passed directly
to the M divider and N output divider on each rising edge of
S_CLOCK.
The
serial
mode
can
be
used
to
program the M and N bits and test bits T1 and T0. The internal
registers T0 and T1 determine the state of the TEST output as fol-
lows:
Time
SERIAL LOADING
PARALLEL LOADING
t
S
t
H
t
S
t
H
t
S
M, N
FUNCTIONAL DESCRIPTION
NOTE: The functional description that follows describes opera-
tion using a 25MHz clock input. Valid PLL loop divider values
for different input frequencies are defined in the Input Frequency
Characteristics, Table 5, NOTE 1.
The ICS8432-101 features a fully integrated PLL and there-
fore requires no external components for setting the loop band-
width. A differential clock input is used as the input to the
ICS8432-101. This input is fed into the phase detector. A 25MHz
clock input provides a 25MHz phase detector reference fre-
quency. The VCO of the PLL operates over a range of 250MHz
to 700MHz. The output of the M divider is also applied to the
phase detector.
The phase detector and the M divider force the VCO output
frequency to be M times the reference frequency by adjusting
the VCO control voltage. Note, that for some values of M (ei-
ther too high or too low), the PLL will not achieve lock. The
output of the VCO is scaled by a divider prior to being sent to
each of the LVPECL output buffers. The divider provides a 50%
output duty cycle.
The programmable features of the ICS8432-101 support two in-
put modes to program the PLL M divider and N output divider.
The two input operational modes are parallel and serial. Figure1
shows the timing diagram for each mode. In parallel mode, the
nP_LOAD input is initially LOW. The data on inputs M0 through
M8 and N0 and N1 is passed directly to the M divider and
N output divider. On the LOW-to-HIGH transition of the
nP_LOAD input, the data is latched and the M divider remains
loaded until the next LOW transition on nP_LOAD or until a serial
fVCO = f
IN
x M
T1
T0
TEST Output
00
LOW
0
1
S_Data, Shift Register Input
1
0
Output of M divider
1
1
CMOS Fout
FIGURE 1. PARALLEL & SERIAL LOAD OPERATIONS
*NOTE: The NULL timing slot must be observed.
T1
T0
*NULL N1
N0
M8
M7M6
M5M4
M3M2
M1M0
S_CLOCK
S_DATA
S_LOAD
nP_LOAD
M0:M8, N0:N1
nP_LOAD
S_LOAD
fOUT = fVCO = f
IN
x M
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com