Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8516I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS8516I
Description  Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8516I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS8516I Datasheet HTML 9Page - Renesas Technology Corp ICS8516I Datasheet HTML 10Page - Renesas Technology Corp ICS8516I Datasheet HTML 11Page - Renesas Technology Corp ICS8516I Datasheet HTML 12Page - Renesas Technology Corp ICS8516I Datasheet HTML 13Page - Renesas Technology Corp ICS8516I Datasheet HTML 14Page - Renesas Technology Corp ICS8516I Datasheet HTML 15Page - Renesas Technology Corp ICS8516I Datasheet HTML 16Page - Renesas Technology Corp ICS8516I Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ICS8516I REVISION B SEPTEMBER 10, 2009
13
©2009 Integrated Device Technology, Inc.
ICS8516I Data Sheet
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS8516I.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS8516I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD
= 3.3V + 5% = 3.465V, which gives worst case results.
·
Power_
MAX
= V
DD_MAX
* I
DD_MAX
= 3.465V * 185mA = 641mW
2. Junction Temperature.
Junction temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The maximum
recommended junction temperature for HiPerClockS
TM devices is 125°C. Limiting the internal transistor junction temperature, Tj, to
125°C ensures that the bond wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air
flow of and a multi-layer board, the appropriate value is 47.9°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.641W * 47.9°C/W = 115.7°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and
the type of board (multi-layer).
TABLE 6. THERMAL RESISTANCE
θθθθθ
JA
FOR
48-PIN LFQP, FORCED CONVECTION
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com