Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8523I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS8523I
Description  Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8523I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS8523I Datasheet HTML 1Page - Renesas Technology Corp ICS8523I Datasheet HTML 2Page - Renesas Technology Corp ICS8523I Datasheet HTML 3Page - Renesas Technology Corp ICS8523I Datasheet HTML 4Page - Renesas Technology Corp ICS8523I Datasheet HTML 5Page - Renesas Technology Corp ICS8523I Datasheet HTML 6Page - Renesas Technology Corp ICS8523I Datasheet HTML 7Page - Renesas Technology Corp ICS8523I Datasheet HTML 8Page - Renesas Technology Corp ICS8523I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS8523CGI REVISION E NOVEMBER 15, 2012
2
©2012 Integrated Device Technology, Inc.
ICS8523I Data Sheet
LOW SKEW, 1-TO-4, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
GND
Power
Power supply ground.
2
CLK_EN
Input
Pullup
Synchronizing clock enable. When HIGH, clock outputs follow clock input.
When LOW, Qx outputs are forced low, nQx outputs are forced high.
LVCMOS / LVTTL interface levels.
3
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects differential PCLK, nPCLK inputs. When
LOW, selects CLK, nCLK inputs. LVCMOS / LVTTL interface levels.
4
CLK
Input
Pulldown
Non-inverting differential clock input.
5
nCLK
Input
Pullup
Inverting differential clock input.
6
PCLK
Input
Pulldown
Non-inverting differential LVPECL clock input.
7
nPCLK
Input
Pullup
Inverting differential LVPECL clock input.
8, 9
nc
Unused
No connect.
10
VDD
Power
Positive supply pin.
11, 12
nQ3, Q3
Output
Differential output pair. HSTL interface levels.
13, 18
VDDO
Power
Output supply pins.
14, 15
nQ2, Q2
Output
Differential output pair. HSTL interface levels.
16, 17
nQ1, Q1
Output
Differential output pair. HSTL interface levels.
19, 20
nQ0, Q0
Output
Differential output pair. HSTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com