Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S031I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS853S031I
Description  Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S031I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS853S031I Datasheet HTML 1Page - Renesas Technology Corp ICS853S031I Datasheet HTML 2Page - Renesas Technology Corp ICS853S031I Datasheet HTML 3Page - Renesas Technology Corp ICS853S031I Datasheet HTML 4Page - Renesas Technology Corp ICS853S031I Datasheet HTML 5Page - Renesas Technology Corp ICS853S031I Datasheet HTML 6Page - Renesas Technology Corp ICS853S031I Datasheet HTML 7Page - Renesas Technology Corp ICS853S031I Datasheet HTML 8Page - Renesas Technology Corp ICS853S031I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ICS853S031I Data Sheet
LOW SKEW, 1-TO-9, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853S031BYI REVISION A AUGUST 17, 2011
2
©2011 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1VCC
Power
Positive supply pin.
2
CLK
Input
Pulldown
Non-inverting differential clock input.
3
nCLK
Input
Pullup
Inverting differential clock input.
4
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects PCLK/nPCLK inputs. When LOW, selects
CLK/nCLK inputs. LVTTL / LVCMOS interface levels.
5
PCLK
Input
Pulldown
Non-inverting differential LVPECL clock input.
6
nPCLK
Input
Pullup
Inverting differential LVPECL clock input.
7VEE
Power
Negative supply pin.
8
CLK_EN
Input
Pullup
Synchronizing clock enable. When HIGH, clock outputs follow clock input. When
LOW, Qx outputs are forced low, nQx outputs are forced high. LVTTL/LVCMOS
interface levels.
9, 16, 17,
24, 25, 32
VCCO
Power
Output supply pins.
10, 11
nQ8, Q8
Output
Differential output pair. LVPECL/ECL interface levels.
12, 13
nQ7, Q7
Output
Differential output pair. LVPECL/ECL interface levels.
14, 15
nQ6, Q6
Output
Differential output pair. LVPECL/ECL interface levels.
18, 19
nQ5, Q5
Output
Differential output pair. LVPECL/ECL interface levels.
20, 21
nQ4, Q4
Output
Differential output pair. LVPECL/ECL interface levels.
22, 23
nQ3, Q3
Output
Differential output pair. LVPECL/ECL interface levels.
26, 27
nQ2, Q2
Output
Differential output pair. LVPECL/ECL interface levels.
28, 29
nQ1, Q1
Output
Differential output pair. LVPECL/ECL interface levels.
30, 31
nQ0, Q0
Output
Differential output pair. LVPECL/ECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
RPULLDOWN
Input Pulldown Resistor
50
k
Ω
RPULLUP
Input Pullup Resistor
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com