Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S12I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS853S12I
Description  LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S12I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS853S12I Datasheet HTML 10Page - Renesas Technology Corp ICS853S12I Datasheet HTML 11Page - Renesas Technology Corp ICS853S12I Datasheet HTML 12Page - Renesas Technology Corp ICS853S12I Datasheet HTML 13Page - Renesas Technology Corp ICS853S12I Datasheet HTML 14Page - Renesas Technology Corp ICS853S12I Datasheet HTML 15Page - Renesas Technology Corp ICS853S12I Datasheet HTML 16Page - Renesas Technology Corp ICS853S12I Datasheet HTML 17Page - Renesas Technology Corp ICS853S12I Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
IDT™ / ICS™ LVPECL FANOUT BUFFER
14
ICS853S12AKI REV. A MAY 21, 2008
ICS853S12I
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS853S12I is: 475
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 32 LEAD VFQFN
θθθθθ
JA
vs. Air Flow (Meter per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
42.7°C/W
37.3°C/W
33.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com