Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S421B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS932S421B
Description  PCIe Gen2 and QPI Clock for Intel-Based Servers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S421B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS932S421B Datasheet HTML 9Page - Renesas Technology Corp ICS932S421B Datasheet HTML 10Page - Renesas Technology Corp ICS932S421B Datasheet HTML 11Page - Renesas Technology Corp ICS932S421B Datasheet HTML 12Page - Renesas Technology Corp ICS932S421B Datasheet HTML 13Page - Renesas Technology Corp ICS932S421B Datasheet HTML 14Page - Renesas Technology Corp ICS932S421B Datasheet HTML 15Page - Renesas Technology Corp ICS932S421B Datasheet HTML 16Page - Renesas Technology Corp ICS932S421B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
IDTTM
PCIe Gen2 and QPI Clock for Intel-Based Servers
1340G—01/26/10
ICS932S421B
PCIe Gen2 and QPI Clock for Intel-Based Servers
13
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
SRCCLK7 Enable
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 6
SRCCLK6 Enable
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 5
SRCCLK5 Enable
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 4
SRCCLK4 Enable
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 3
SRCCLK3 Enable
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 2
SRCCLK2 Enable
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 1
SRCCLK1 Enable
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 0
SRCCLK0 Enable
Output Enable
RW
Disable-Hi-Z
Enable
1
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
REF1 Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 6
REF0 Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 5
CPUCLK3
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 4
CPUCLK2
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 3
0
Bit 2
CPUCLK1
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 1
CPUCLK0
Output Enable
RW
Disable-Hi-Z
Enable
1
Bit 0
Spread Spectrum Enable
Spread Off/On
RW
Spread Off
Spread On
0
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
PCICLK3
Output Enable
RW
Disable-Low
Enable
1
Bit 6
PCICLK2
Output Enable
RW
Disable-Low
Enable
1
Bit 5
PCICLK1
Output Enable
RW
Disable-Low
Enable
1
Bit 4
PCICLK0
Output Enable
RW
Disable-Low
Enable
1
Bit 3
PCICLK_F2 Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 2
PCICLK_F1 Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 1
PCICLK_F0 Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 0
48MHz Enable
Output Enable
RW
Disable-Low
Enable
1
SMBus Table: Stop Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
PCICLK_F2 Stop En
RW
Free-Running
Stoppable
1
Bit 6
PCICLK_F1 Stop En
RW
Free-Running
Stoppable
1
Bit 5
PCICLK_F0 Stop En
RW
Free-Running
Stoppable
1
Bit 4
SRCCLK4 Stop En
RW
Free-Running
Stoppable
1
Bit 3
SRCCLK3 Stop En
RW
Free-Running
Stoppable
1
Bit 2
SRCCLK2 Stop En
RW
Free-Running
Stoppable
1
Bit 1
SRCCLK1 Stop En
RW
Free-Running
Stoppable
1
Bit 0
SRCCLK0 Stop En
RW
Free-Running
Stoppable
1
45,46
6
5
18,19
54
36,37
16,17
Byte 1
55
39,40
10
26,27
9
Byte 0
NA
NA
26,27
NA
23,24
21,22
Free-Running Control,
Default: not affected by
PCI/SRC_STOP
(Byte 6, bit 3)
16,17
18,19
21,22
23,24
4
CPU, SRC, PCI
Byte 2
RESERVED
Byte 3
10
9
11
13
3
11
42,43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com