Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S805C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS932S805C
Description  K8 Clock Chip for Serverworks HT2100 Servers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S805C Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS932S805C Datasheet HTML 1Page - Renesas Technology Corp ICS932S805C Datasheet HTML 2Page - Renesas Technology Corp ICS932S805C Datasheet HTML 3Page - Renesas Technology Corp ICS932S805C Datasheet HTML 4Page - Renesas Technology Corp ICS932S805C Datasheet HTML 5Page - Renesas Technology Corp ICS932S805C Datasheet HTML 6Page - Renesas Technology Corp ICS932S805C Datasheet HTML 7Page - Renesas Technology Corp ICS932S805C Datasheet HTML 8Page - Renesas Technology Corp ICS932S805C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ICS932S805C
K8 Clock Chip for Serverworks HT2100 Servers
2
IDT®
K8 Clock Chip for Serverworks HT2100 Servers
1131D – 05/04/10
Pin Description
PIN #
PIN NAME
TYPE
DESCRIPTION
1
X1
IN
Crystal input, Nominally 14.318MHz.
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
4
FS0/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
5
FS1/REF1
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
6
FS2/REF2
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
7
GNDREF
PWR
Ground pin for the REF outputs.
8
VDD48
PWR
Power pin for the 48MHz output.3.3V
9
48MHz_0
OUT
48MHz clock output.
10
48MHz_1
OUT
48MHz clock output.
11
48MHz_2
OUT
48MHz clock output.
12
GND48
PWR
Ground pin for the 48MHz outputs
13
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
14
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
15
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
16
**FS3/PCICLK0
I/O
Frequency select latch input pin / 3.3V PCI clock output.
17
PCICLK1
OUT
PCI clock output.
18
GNDPCI
PWR
Ground pin for the PCI outputs
19
PD#
IN
Asynchronous active low input pin used to power down the device. The
internal clocks are disabled and the VCO and the crystal are stopped.
20
GND
PWR
Ground pin.
21
VDDA
PWR
3.3V power for the PLL core.
22
GNDA
PWR
Ground pin for the PLL core.
23
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in
order to establish the appropriate current. 475 ohms is the standard value.
24
VDDA
PWR
3.3V power for the PLL core.
25
SRCCLKT0
OUT
True clock of differential SRC clock pair.
26
SRCCLKC0
OUT
Complement clock of differential SRC clock pair.
27
SRCCLKT1
OUT
True clock of differential SRC clock pair.
28
SRCCLKC1
OUT
Complement clock of differential push-pull SRC clock pair.
29
SRCCLKT2
OUT
True clock of differential SRC clock pair.
30
SRCCLKC2
OUT
Complement clock of differential SRC clock pair.
31
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
32
GNDSRC
PWR
Ground pin for the SRC outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com