Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4256G6V-10UI Datasheet(PDF) 21 Page - STMicroelectronics

Part # PSD4256G6V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-10UI Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PSD4256G6V-10UI Datasheet HTML 17Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 18Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 19Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 20Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 21Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 22Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 23Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 24Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
21/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Table 13. Input Macrocells - Ports A, B, and C
Note: Bit Definitions (Read only registers):
READ Input Macrocell (IMC7-IMC0) status on Ports A, B, and C.
Table 14. Output Macrocells A Register
Note: Bit Definitions:
WRITE Register: Load MCellA7-MCellA0 with ’0’ or ’1.’
READ Register: Read MCellA7-MCellA0 output status.
Table 15. Out Macrocells B Register
Note: Bit Definitions:
WRITE Register: Load MCellB7-MCellB0 with ’0’ or ’1.’
READ Register: Read MCellB7-MCellB0 output status.
Table 16. Mask Macrocells A Register
Note: Bit Definitions:
McellA<i>_Prot 0 = Allow MCellA<i> flip-flop to be loaded by MCU (default).
McellA<i>_Prot 1 = Prevent MCellA<i> flip-flop from being loaded by MCU.
Table 17. Mask Macrocells B Register
Note: Bit Definitions:
McellB<i>_Prot 0 = Allow MCellB<i> flip-flop to be loaded by MCU (default).
McellB<i>_Prot 1 = Prevent MCellB<i> flip-flop from being loaded by MCU.
Table 18. Flash Memory Protection Register 1
Note: Bit Definitions (Read only register):
Sec<i>_Prot 1 = Primary Flash memory Sector <i> is write protected.
Sec<i>_Prot 0 = Primary Flash memory Sector <i> is not write protected.
Table 19. Flash Memory Protections Register 2
Note: Bit Definitions (Read only register):
Sec<i>_Prot 1 = Primary Flash memory Sector <i> is write protected.
Sec<i>_Prot 0 = Primary Flash memory Sector <i> is not write protected.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IMcell 7
IMcell 6
IMcell 5
IMcell 4
IMcell 3
IMcell 2
IMcell 1
IMcell 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mcella 7
Mcella 6
Mcella 5
Mcella 4
Mcella 3
Mcella 2
Mcella 1
Mcella 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mcellb 7
Mcellb 6
Mcellb 5
Mcellb 4
Mcellb 3
Mcellb 2
Mcellb 1
Mcellb 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mcella 7
Mcella 6
Mcella 5
Mcella 4
Mcella 3
Mcella 2
Mcella 1
Mcella 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mcellb 7
Mcellb 6
Mcellb 5
Mcellb 4
Mcellb 3
Mcellb 2
Mcellb 1
Mcellb 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sec7_Prot
Sec6_Prot
Sec5_Prot
Sec4_Prot
Sec3_Prot
Sec2_Prot
Sec1_Prot
Sec0_Prot
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sec15_Prot
Sec14_Prot
Sec13_Prot
Sec12_Prot
Sec11_Prot
Sec10_Prot
Sec9_Prot
Sec8_Prot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com