Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT3A45SAF-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDT3A45SAF-13
Description  3A TRENCH SCHOTTKY BARRIER RECTIFIER SMAF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDT3A45SAF-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  SDT3A45SAF-13 Datasheet HTML 1Page - Diodes Incorporated SDT3A45SAF-13 Datasheet HTML 2Page - Diodes Incorporated SDT3A45SAF-13 Datasheet HTML 3Page - Diodes Incorporated SDT3A45SAF-13 Datasheet HTML 4Page - Diodes Incorporated SDT3A45SAF-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SDT3A45SAF
Document number: DS39774 Rev. 3 - 2
2 of 5
www.diodes.com
December 2019
© Diodes Incorporated
SDT3A45SAF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
45
V
Average Rectified Output Current
IO
3
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance Junction to Ambient (Note 6)
Thermal Resistance Junction to Ambient (Note 7)
Thermal Resistance Junction to Case (Note 6)
Thermal Resistance Junction to Case (Note 7)
RJA
RJA
RJC
RJC
100
83
66
38
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
—
—
—
0.37
—
0.48
—
0.40
V
IF = 3.0A, TJ = +25°C
IF = 3.0A, TJ = +100°C
IF = 3.0A, TJ = +125°C
Leakage Current (Note 8)
IR
—
—
—
—
4
—
280
—
80
μA
mA
mA
VR = 45V, TJ = +25°C
VR = 45V, TJ = +100°C
VR = 45V, TJ = +125°C
Notes:
6. FR-4 substrate, 1"*1", 2oz, single-sided, PC boards with 0.06"*0.09" copper pad.
7. FR-4 substrate, 0.4"*0.5", 2oz, single-sided, PC boards with 0.2"*0.25" copper pad.
8. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com