Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL12-30BF-LED Datasheet(PDF) 1 Page - Hatch Lighting.

Part # RL12-30BF-LED
Description  RL LED SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HATCH [Hatch Lighting.]
Direct Link  https://www.hatchlighting.com/
Logo HATCH - Hatch Lighting.

RL12-30BF-LED Datasheet(HTML) 1 Page - Hatch Lighting.

  RL12-30BF-LED Datasheet HTML 1Page - Hatch Lighting.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
®
1
AC LED DrivErs
CASE STYLE: M
CASE STYLE: BF
AC LED DRIVERS: RL LED SERIE S
AC LED DRIVERS
CASE STYLE M (SIDE LEAD)
CASE STYLE BF (BOTTOM FEED)
”
1.30”
0.80”
2.72
2.0”
8-32 Stud
0.45”L
2.20”
0.75”
1.23”
ME CHANIC AL SPE CIFIC ATIONS
Input:
6”, Black (L), White (N) 300V 200oC #18AWG
Output:
6”, Red (+), Red (-) 300V 200oC #18AWG
BLACK (L)
INPUT
OUTPUT
RL LED
DRIVER
WHITE (N)
RED
RED
WIRING INF ORMATION
- Multiple units supported per circuit
- Suitable for dry and damp locations
- Withstanding voltage:
I/P – O/P 2kVAC
- Surge rating: NEMA SSL1-2010 non-roadway 2.5kV
- Operating temperature range: -20°C to 90°C
(measured at Tcase)
- Minimum Load: 2W/120V, 5W/277V
- Wide dimming range*
- Recommended ELV dimming*
- Suitable for AC LED or halogen loads
PRODUC T FE ATURE S
PACK AGING INF ORMATION
Unit Weight:
2.8 oz
Quantity:
100pc/carton
Carton Weight:
17 lbs 8 oz
- UL 8750 Recognized Component
- RoHS Compliant
APPROVALS
GENER AL INF ORMATION
LED Driver Type
AC LED (Class 2)
Maximum Output Power
60 Watts
Input Voltage
120 VAC ± 10%
277 VAC ± 10%
Input Frequency
50/60Hz
Output Power
Input Voltage
Input Current
Output Voltage
Max Output
Current
Efficiency
Case Style
Hatch Part No.
15W
120 VAC
0.15A
12 VAC
1.3A
90%
M
RL12-15M-LED
BF
RL12-15BF-LED
277 VAC
0.065A
M
RL12-15M-LED-277
BF
RL12-15BF-LED-277
30W
120 VAC
0.30A
12 VAC
2.5A
90%
M
RL12-30M-LED
BF
RL12-30BF-LED
277 VAC
0.13A
M
RL12-30M-LED-277
BF
RL12-30BF-LED-277
60W
120 VAC
0.60A
12 VAC
5.0A
90%
M
RL12-60M-LED
BF
RL12-60BF-LED
277 VAC
0.26A
M
RL12-60M-LED-277
BF
RL12-60BF-LED-277
Specifications subject to change without notice
ELE C TRIC AL SPE CIFIC ATIONS
Although Hatch Lighting conducts extensive testing to ensure that all its products perform satisfactorily in the field, site conditions can vary such that untested configurations
may exist. We recommend that all customers conduct complete testing of their LED fixture systems to confirm acceptable performance and function.
* 120V only. 277V models are non-dimmable
WWW.HATCHLIGHTING.COM • 7821 WOOdLANd CeNTer BLvd. TAMpA, FL 33614 • pH: 813.288.8006 • FX: 813.288.8105 • SALeS@HATCHLIGHTING.COM rev: 08/0
9/2022


Similar Part No. - RL12-30BF-LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL1206 ETC1-RL1206 Datasheet
307Kb / 9P
LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL1206 YAGEO-RL1206 Datasheet
307Kb / 9P
LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
RL1206 YAGEO-RL1206 Datasheet
579Kb / 9P
LOW OHMIC CHIP RESISTORS
RL1206 YAGEO-RL1206 Datasheet
804Kb / 9P
Chip Resistor Surface Mount
June 01, 2017 V.2
logo
Ruilongyuan Electronics...
RL1206A RUILON-RL1206A Datasheet
721Kb / 5P
Metal Oxide Varistors
More results

Similar Description - RL12-30BF-LED

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0816155 PHOENIX-0816155 Datasheet
48Kb / 3P
Label - EML (20X8)RL YE
0816168 PHOENIX-0816168 Datasheet
48Kb / 3P
Label - EML (30X20)RL YE
logo
Weidmuller
2747090000 WEIDMULLER-2747090000 Datasheet
2Mb / 8P
FMH3 S1/20V F1 B RL
2747080000 WEIDMULLER-2747080000 Datasheet
2Mb / 8P
FMH3 S1/16V F1 B RL
2747010000 WEIDMULLER-2747010000 Datasheet
2Mb / 8P
FMH1 S1/26V F1 B RL
2747460000 WEIDMULLER-2747460000 Datasheet
2Mb / 8P
FFH S1/26H F1 B RL
2747430000 WEIDMULLER-2747430000 Datasheet
2Mb / 8P
FFH S1/12H F1 B RL
2747190000 WEIDMULLER-2747190000 Datasheet
2Mb / 8P
FMH S1/26H F1 B RL
2747180000 WEIDMULLER-2747180000 Datasheet
2Mb / 8P
FMH S1/20H F1 B RL
2747110000 WEIDMULLER-2747110000 Datasheet
2Mb / 8P
FMH3 S1/32V F1 B RL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com