Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6038SD Datasheet(PDF) 1 Page - G.M. International

Part # D6038SD
Description  SIL3 Line-Fault Transp. Switch/Prox. Repeater
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D6038SD Datasheet(HTML) 1 Page - G.M. International

  D6038SD Datasheet HTML 1Page - G.M. International D6038SD Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.gminternational.com
D6038
SIL3 Line-Fault Transp. Switch/Prox. Repeater
Isolators > Digital Input
ORDERING INFORMATION
Ordering codes
D6038xy
x: S → 1 channel; D → 2 channels; X → duplicator
y: A → RL = 2.2 kΩ, RH = 14.3 kΩ; B → RL = 476 Ω, RH = 1.38 kΩ
C → RL = 5 kΩ, RH = 15 kΩ; D → RL = 0 Ω, RH = 33.2 kΩ
Accessories
Bus Connector JDFT049, Bus Mounting Kit OPT5096.
TECHNICAL DATA
SIL 3 / SC 3
Field open and short circuit detection
Field fault universal mirroring to PLC DI
Line monitoring transparency
In-field programmability by DIP Switch
Three port isolation, Input/Output/Supply
High Density, two channels per unit
The Switch/Proximity Detector Repeater D6038 is a module suitable
for applications requiring SIL 3 level in safety related systems for
high risk industries. The unit can be configured for switches or
proximity detectors and repeats the input state to the output. The
output port can assume two different impedance values (RL or RH)
or it can open completely. The module output repeats the input state
according to the following correspondence: low input state -> RL,
high input state -> RH. Alternatively, the output can be configured to
invert the input state. In both cases, the output opens if any fault
(open or short circuit) occurs at the corresponding input.
FEATURES
Supply
24 Vdc nom (18 to 30 Vdc), reverse polarity protected.
Current consumption: 30 mA (D6038D), 25 mA (D6038X), 15 mA
(D6038S), @ 24 Vdc, typical.
Power dissipation: 1.0 W (D6038D), 1.0 W (D6038X), 0.4 W (D6038S),
@ 24 Vdc, typical.
Input
Input switching current levels: ON ≥ 2.1 mA, OFF ≤ 1.2 mA.
Open fault: current ≤ 0.05 mA.
Short fault: resistance ≤ 100 Ω.
No fault: current ≥ 0.35 mA and resistance ≥ 360 Ω.
Input equivalent source: 8 V 1 kΩ typical (8 V no load, 8 mA short).
Output
Voltage free SPST solid-state relays, with series (RL) and parallel (RH-RL)
resistances, ±5% tolerance.
Fault impedance: > 1 MΩ.
Max voltage: 30 Vdc.
Response time: 500 µs.
Frequency response: 1 kHz maximum.
Isolation
In/Out 1.5 kV; In/Supply 1.5 kV; In/In 500 V; Out/Supply 500 V; Out/Out
500 V.
Environmental conditions
Operating temperature: temperature limits –40 to +70 °C.
Storage temperature: temperature limits –45 to +80 °C.
Mounting
DIN-Rail 35 mm, with or without Power Bus or on custom Term. Board.
Weight: about 135 g (D6038D and D6038X), 120 g (D6038S).
Connection: by polarized plug-in disconnect screw terminal blocks to
accommodate terminations up to 2.5 mm² (13 AWG).
Dimensions: Width 12.5 mm, Depth 123 mm, Height 120 mm.
OVERALL DIMENSIONS
Functional Safety Management Certification:
GM International is certified to conform to IEC61508:2010 part 1 clauses 5-6 for safety related systems up to and included SIL3. In addition, GM International products have been granted I.S.
certificates from the most credited Notified Bodies in the world.
Data specified in this document are merely descriptive of the products and should be integrated with relevant technical specifications. Our products are in constant development and the information
presented herein refers to the time of document issue. No statements concerning a certain condition or suitability for a certain application can be derived from our information. The information given does not
release the user from the obligation of own judgment and verification. Terms & Conditions can be found at our website. For more information refer to istruction manual.
DTS0846-4
© G.M. International s.r.l.
Page 1/2


Similar Part No. - D6038SD

ManufacturerPart #DatasheetDescription
logo
G.M. International
D6030 GMI-D6030 Datasheet
190Kb / 2P
SIL3 Switch/Proximity Relay-Out Repeater
D6030D GMI-D6030D Datasheet
190Kb / 2P
SIL3 Switch/Proximity Relay-Out Repeater
D6030S GMI-D6030S Datasheet
190Kb / 2P
SIL3 Switch/Proximity Relay-Out Repeater
D6031 GMI-D6031 Datasheet
194Kb / 2P
SIL3 Switch/Proximity Transistor-Out Repeater
D6031D GMI-D6031D Datasheet
194Kb / 2P
SIL3 Switch/Proximity Transistor-Out Repeater
More results

Similar Description - D6038SD

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5030 GMI-D5030 Datasheet
193Kb / 2P
I.S. SIL3 Switch/Proximity Relay-Out Repeater
D5031 GMI-D5031 Datasheet
198Kb / 2P
I.S. SIL3 Switch/Proximity Transistor-Out Repeater
D5034 GMI-D5034 Datasheet
174Kb / 2P
I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5038 GMI-D5038 Datasheet
201Kb / 2P
I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5039 GMI-D5039 Datasheet
201Kb / 2P
I.S. SIL2 Line-Fault Transp. Switch/Prox. Repeater
D6030 GMI-D6030 Datasheet
190Kb / 2P
SIL3 Switch/Proximity Relay-Out Repeater
D6031 GMI-D6031 Datasheet
194Kb / 2P
SIL3 Switch/Proximity Transistor-Out Repeater
D6032 GMI-D6032 Datasheet
182Kb / 2P
SIL3 Switch/Proximity Relay-Out Repeater
D6034 GMI-D6034 Datasheet
171Kb / 2P
SIL3 Line-Fault Transp. Switch/Prox. Repeater
D6039 GMI-D6039 Datasheet
197Kb / 2P
SIL2 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com