Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM-MBWHA621 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARM-MBWHA621
Description  10.1" Healthcare/Hospitality Information Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARM-MBWHA621 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARM-MBWHA621 Datasheet HTML 1Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 2Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 3Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Healthcare Information Terminals
Features
RoHS
COMPLIANT
2002/95/EC
HIT-W101L
10.1" Healthcare/Hospitality
Information Terminal
ƒ
Freescale iMX6 A9 Quad Core All-in-One computer
ƒ
10.1" 16:10 display with P-Cap multi-touch operation
ƒ
2MP camera for VOIP application
ƒ
High quality integrated microphone with Acoustic Echo Cancellation (AEC)
ƒ
Supports Power-over-Ethernet (PoE)
ƒ
Supports Android operating systems
ƒ
Available wall mount kit for various embedded applications
ƒ
Equipped with DeviceOn/iService software for remote device management
Introduction
HIT-W101L is an 10.1" all-in-one infotainment terminal for healthcare and iServices. It can also be used to authenticate hospital staff and patients through RFID and Smart Card Reader
modules. HIT-W101L is ideal for applications within hospitals, such as nurse calls or bedside information terminals.
Moreover, HIT-W101L is equipped with Advantech’s DeviceOn/iService software, which is a next-generation unified device management solution based on the WISE-DeviceOn
platform. With support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management.
Specifications
Computing System
CPU
Freescale iMX6 A9 QC 1GHz
Memory
2GB DDR3(UP to 4GB)
Operating System
Android 5.1/6
Display
Screen Size
10.1" TFT LCD
Resolution
1280 x 800
Touch Type
Projective capacitive multi-touch screen
Storage
Internal
8GB eMMC NAND Flash (Up to 32GB)
External
Micro SD, up to 64GB (Optional)
Network
Wifi and Bluetooth
802.11 ac/b/g/n ( or 802.11 b/g/n)
Bluetooth: 4.0
Interface
Front
1 x RFID module
2 x LED
1 x Microphone
1 x Speaker, 3W
Rear
1 x RJ12 Handset Connector
1 x TRS
1 x HDMI (Check)
1 x RJ45 (1-GbE) , PoE(Option)
1 x USB (TYPE A, USB 2.0)
1 x Micro SD slot
1 x Reset button
1 x Micro USB(USB 2.0)
1 x DC-in Jack
Power
AC Adaptor
DC 12V / 2A
Environment
Temperature
Operating: 0 ~ +40 °C
Storage: -20 ~ +60 °C
Humidity
Operating: 10 ~ 95% @ 40 °C non-condensing
Storage: 10 ~ 95%@ 40 °C non-condensing
IP Rating
Front Panel: IP65
Physical Characteristics
Dimensions (W x H x D)
247 x 189 x 22 mm (9.72" x 7.44" x 0.87")
Weight
1.4 kg
All product specifications are subject to change without notice.
Last updated: 10-Sep-2021


Similar Part No. - ARM-MBWHA621

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARM-MBWHA621 ADVANTECH-ARM-MBWHA621 Datasheet
797Kb / 4P
Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
More results

Similar Description - ARM-MBWHA621

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-R181BR-AMW1E ADVANTECH-HIT-R181BR-AMW1E Datasheet
480Kb / 2P
New Revolutionary 18.5" Healthcare/ Hospitality Infotainment Terminals
HIT-W101C ADVANTECH-HIT-W101C Datasheet
370Kb / 2P
10.1' Healthcare/Hospitality Information Terminal
HIT-W121 ADVANTECH-HIT-W121 Datasheet
943Kb / 2P
11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
HIT-W121B ADVANTECH-HIT-W121B Datasheet
1Mb / 2P
11.6' Healthcare/Hospitality Infortainment Terminal
HIT-W222H ADVANTECH-HIT-W222H Datasheet
671Kb / 2P
21.5' Healthcare Information Terminal
HIT-W101C ADVANTECH-HIT-W101C_V01 Datasheet
605Kb / 4P
10.1 Healthcare/Hospitality Information Terminal
10-Sep-2021
HIT-W153 ADVANTECH-HIT-W153 Datasheet
941Kb / 2P
Innovative 15.6 Healthcare/Hospitality Information Terminal
12-Mar-2018
HIT-W183 ADVANTECH-HIT-W183 Datasheet
998Kb / 2P
Innovative 18.5 Healthcare/Hospitality Information Terminal
9-Feb-2018
HIT-507 ADVANTECH-HIT-507 Datasheet
605Kb / 2P
7" Healthcare Information Terminal
3-Jun-2020
HIT-512 ADVANTECH-HIT-512 Datasheet
797Kb / 4P
Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com