Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLR Datasheet(PDF) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # HVLR
Description  High Voltage Non-Inductive Resistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

HVLR Datasheet(HTML) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  HVLR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
No.: E08001Version: V2
Date: 2019/12/13
HVLR
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
100% High Voltage Test before Delivery, Low VCR, Low TCR
High Reliability, Max. Operating Voltage up to 48 KV
Standard TCR ±100ppm/°C Non-Inductive Design
For high-voltage resistor, suitable coating materials is key to balance the heat dissipation
capacity and insulation performance. Generally speaking, the heat dissipation capacity of
silicone resin is better than that of epoxy resin, but the insulating capacity is not as good as
epoxy resin. HVLR series use high-level epoxy resin coating material that is good at both
insulation and heat dissipation capabilities. There is no air bubbles on the surface after the
encapsulation, and the insulation ability is significantly better than silicone resin and other epoxy
resins. The heat dissipation capacity is also better than other types of epoxy resin.
The mainstream high-voltage resistors are mainly thick-film technology. The resistance will
change in a high-voltage working condition. This is because thick-film resistors are made of a
mixture of conductive and non-conductive resistive elements. The low VCR is determined by the
quality of resistance paste and manufacturing process. HVLR series is 100% tested before
shipment to ensure the performance of each resistor under high-voltage conditions.
Specifications & Dimensions (mm)
Model
HVLR1505
HVLR1905
HVLR2505
HVLR2408
HVLR3908
HVLR5208
HVLR7609
HVLR1029
HVLR1179
HVLR1279
HVLR1379
HVLR1529
0.7W
1W
1.2W
2W
3W
5W
7.5W
10W
11W
12W
13W
15W
Max. Working
Voltage
2.5KV
3.5KV
5.5KV
5.5KV
10KV
15KV
22.5KV
32KV
35KV
40KV
45KV
48KV
Resistance Range(Ω)
Min.
Max.
1K
1G
Tolerance
±1%(F),±2%(G),±5%(J),±10%(K)
TCR
±100ppm/°C
Dimensions(mm)
A
15±1.5
19±1.5
25.4±1.5
24±1.5
39±1.5
52±1.5
76±1.5
102±1.5
117±1.5
127±1.5
137±1.5
152±1.5
B
5±1.0
5±1.0
5±1.0
8±1.0
8±1.0
8±1.0
9±1.0
9±1.0
9±1.0
9±1.0
9±1.0
9±1.0
C
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Short-Time Overload: Apply 5 times rated power for 5s, no more than 1.5 times the max operating voltage, △R<0.5%
Moisture Resistance: MIL-STD-202,Method 106,△R<0.4%
Insulation Resistance: >10000M
Load Life: Apply rated power for 1000 hours, △R<0.7%
Thermal Shock: MIL-STD-202,Method 107, Cond C,△R<0.25%
Standard TCR: ±100ppm/°C (-25°C~+105°C,+25°C Ref)
Introduction
Electrical Parameters
Ambient temperature(°C)
100
80
60
40
20
0
25
75
125
175
225
Part Number Information
Example: HVLR1529K10M0K9 (HVLR 1529 ±10% 10MΩ±100ppm/°C)
Series
HVLR
Resistance
1K00=1000R
1M00=1000000R
1G00=1000000000R
F=± 1%
G=± 2%
J=± 5%
K=± 10%
Tolerance
Code
9=Standard
TCR
K=±100ppm/°C
Size
(Length*Diameter)
H
V
L
R
5
2
9
K
0
M
0
K
9
1505=15*5 1029=102*9
2505=25*5 1179=117*9
......
High Voltage Non-Inductive Resistor
Rated
Power


Similar Part No. - HVLR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVL WELWYN-HVL Datasheet
107Kb / 2P
High Voltage Low Inductance Thick film Resistors
logo
TT Electronics.
HVL TTELEC-HVL Datasheet
105Kb / 2P
High Voltage Low Inductance Thick film Resistors
03.02
HVL 43 TTELEC-HVL 43 Datasheet
105Kb / 2P
High Voltage Low Inductance Thick film Resistors
03.02
HVL 44 TTELEC-HVL 44 Datasheet
105Kb / 2P
High Voltage Low Inductance Thick film Resistors
03.02
HVL 45 TTELEC-HVL 45 Datasheet
105Kb / 2P
High Voltage Low Inductance Thick film Resistors
03.02
More results

Similar Description - HVLR

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DON-50 WILLOW-DON-50 Datasheet
882Kb / 1P
50Watt High Voltage Mountable Non-Inductive, High Frequency Resistors
HD10 WILLOW-HD10 Datasheet
882Kb / 2P
High Voltage Divider Set, Thick film,Non-Inductive R1 & R2
HTE WILLOW-HTE Datasheet
3Mb / 2P
Cylindrical High Voltage Resistors,Thicker film,Non-Inductive
logo
American Accurate Compo...
RCM10A-1R0FYB AAC-RCM10A-1R0FYB Datasheet
121Kb / 1P
HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RST15-A2X-R10-R10JZB AAC-RST15-A2X-R10-R10JZB Datasheet
155Kb / 3P
HIGH POWER RESISTOR - Non Inductive Chassis Mount, Screw Terminal
RWC50A-1R0KB AAC-RWC50A-1R0KB Datasheet
277Kb / 2P
HIGH POWER RESISTOR - Water Cooling, Non-Inductive
logo
TT Electronics.
HVD TTELEC-HVD Datasheet
364Kb / 2P
Non-inductive design
RHVD TTELEC-RHVD Datasheet
369Kb / 2P
Non-inductive design
logo
Vishay Siliconix
PR02-FS VISHAY-PR02-FS Datasheet
164Kb / 8P
High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
15-Feb-17
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
Non-Inductive High Frequency Melf Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com