Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFR Datasheet(PDF) 3 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # MMFR
Description  Precision Metal Film Molded Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

MMFR Datasheet(HTML) 3 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  MMFR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 3Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 4Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 5Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 6Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 7Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2/6
Example: MMFR3710B100RV9 ( MMFR 3710 ±0.1% 100Ω ±5ppm/℃ Standard )
For more options of resistance, tolerance and TCR, please contact us.
Part Number Information
MMFR
M
M
F
R
3
7
1
0
B
1
0
0
R
V
2568
3710
5215
6518
A=±0.05%
B=±0.1%
D=±0.5%
F=±1.0%
10R0=10Ω
1K00=1000Ω
1M00=1000000Ω
V=±5ppm/℃
9=Standard
0-8=Custom
9
MMFR
Moisture Resistance
40±2℃, 90-95% RH for 56 days, 0.1xRCWV
or the maximum operating voltage (the lower one)
IEC 60115-1, 4.24
±0.05%+0.05Ω
Insulation Resistance
Apply a DC voltage of 100V between the electrode and the
substrate for 60s and measure the insulation resistance
IEC 600115-1 4.6
10000MΩ, minimum
Load Life
70±2℃, 1000h, RCWV or maximum operating voltage
(the lower one)
±0.05%+0.05Ω
IEC 60115-1 4.25
TCR
+85℃, +25℃ Ref.
Within the nominal value range
IEC 60115-1 4.8
Resistance to
Solder Heat
+260±3℃, 10±1s, immersed 3±0.5mm of the body
±0.05%+0.05Ω
IEC 60115-1 4.18
Short-Time Overload
10x RCWV or 2x maximum operating voltage (the lower one)
for 5s
±0.02%
No visible damage
IEC60115-1 4.13
Resistance to Solvent
Immerse in IPA for 5 min with ultrasonic
Clear marking
No visible damage
IEC 60115-1 4.30
Solderability
235±5℃, 3±0.5s
95% coverage
IEC 60115-1 4.17
Precision Metal Film Molded Resistor
C&B Electronics Shenzhen CO., LTD. | www.resistor.today | resi@cbeureka.com | Tel:0755-83981080/83981010
Series
Size
Tolerance
Resistance
TCR
Code
Dielectric
Withstanding Voltage
IEC 60115-1 4.7
Apply a AC voltage with an effective maximum overload voltage
between the electrode and the substrate at a speed of approximately
100V/s, for 60s
No breakdown or flashover
Performance
Test
Test Method
Standards
Max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com