Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8075 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8075
Description  Magnet Wire, #18 Sol BC, Polyester/Amide-imide Polymer Ins
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8075 Datasheet(HTML) 1 Page - Belden Inc.

  8075 Datasheet HTML 1Page - Belden Inc. 8075 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8075
Magnet Wire, #18 Sol BC, Polyester/Amide-imide Polymer Ins
Product Description
Magnet Wire, 18AWG (Solid) Bare Copper, Polyester/Amide-imide Polymer Insulation, CLASS 200 MW 35-C
Technical Specifications
Product Overview
Suitable Applications:
class 200 magnet wire
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
18
Solid
BC - Bare Copper 1
Conductor Count:
1
Insulation
Material
Nominal Diameter Nominal Wall Thickness
Polyester 0.0437 in
0.003 in
Outer Jacket
Max. Diameter
0.0437 mm
Construction and Dimensions
Min Increase in OD:
0.003 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
6.4 Ohm/1000ft
Current
Max. Recommended Current [A]
Single conductor in free air @ 30ºC: 2.3 A
Voltage
Breakdown Voltage
5700 V Minimum (at Room Temperature)
Temperature Range
Operating Temperature Range:
200°C
Mechanical Characteristics
Approximate Length:
199 ft
Turns Per Linear Inch:
23.2


Similar Part No. - 8075

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
8075-2 AVX-8075-2 Datasheet
250Kb / 1P
Type M Vertical Male Feed-To for Backplanes
logo
RAF ELECTRONIC HARDWARE
8075-440-A RAF-8075-440-A Datasheet
86Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Alpha Wire
807510W ALPHAWIRE-807510W Datasheet
389Kb / 4P
RoHS-Compliant Commencing With 7/1/2005 Production
logo
Festo Corporation.
8075653 FESTO-8075653 Datasheet
82Kb / 2P
Diffuse scan
8075654 FESTO-8075654 Datasheet
82Kb / 2P
Diffuse scan
More results

Similar Description - 8075

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8073 BELDEN-8073 Datasheet
231Kb / 2P
Magnet Wire, #14 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8074 BELDEN-8074 Datasheet
231Kb / 2P
Magnet Wire, #16 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8076 BELDEN-8076 Datasheet
228Kb / 2P
Magnet Wire, #20 Sol BC, Polyester/Amide-imide Polymer Ins
01-20-2023
8077 BELDEN-8077 Datasheet
231Kb / 2P
Magnet Wire, #22 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8078 BELDEN-8078 Datasheet
232Kb / 2P
Magnet Wire, #24 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8079 BELDEN-8079 Datasheet
231Kb / 2P
Magnet Wire, #26 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8080 BELDEN-8080 Datasheet
232Kb / 2P
Magnet Wire, #28 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8081 BELDEN-8081 Datasheet
231Kb / 2P
Magnet Wire, #30 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8083 BELDEN-8083 Datasheet
232Kb / 2P
Magnet Wire, #34 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8085 BELDEN-8085 Datasheet
232Kb / 2P
Magnet Wire, #38 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com