Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7204L50LGI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 7204L50LGI
Description  CMOS ASYNCHRONOUS FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7204L50LGI Datasheet(HTML) 5 Page - Renesas Technology Corp

  7204L50LGI Datasheet HTML 1Page - Renesas Technology Corp 7204L50LGI Datasheet HTML 2Page - Renesas Technology Corp 7204L50LGI Datasheet HTML 3Page - Renesas Technology Corp 7204L50LGI Datasheet HTML 4Page - Renesas Technology Corp 7204L50LGI Datasheet HTML 5Page - Renesas Technology Corp 7204L50LGI Datasheet HTML 6Page - Renesas Technology Corp 7204L50LGI Datasheet HTML 7Page - Renesas Technology Corp 7204L50LGI Datasheet HTML 8Page - Renesas Technology Corp 7204L50LGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9 and 65,536 x 9
AC ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
1. Timings referenced as in AC Test Conditions.
2. Pulse widths less than minimum are not allowed.
3. Values guaranteed by design, not currently tested.
4. Only applies to read data flow-through mode.
Military
Commercial
Military
Commercial
IDT7203L30
IDT7203L35
IDT7203L40
IDT7203L50
IDT7204L30
IDT7204L35
IDT7204L50
IDT7205L30
IDT7205L35
IDT7205L50
IDT7206L30
IDT7206L35
IDT7206L50
IDT7207L30
IDT7207L35
IDT7207L50
IDT7208L35
Symbol
Parameters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
ShiftFrequency
—
25
—
22.22
—
20
—
15
MHz
tRC
Read Cycle Time
40
—
45
—
50
—
65
—
ns
tA
Access Time
—
30
—
35
—
40
—
50
ns
tRR
Read Recovery Time
10
—
10
—
10
—
15
—
ns
tRPW
ReadPulseWidth(2)
30
—
35
—
40
—
50
—
ns
tRLZ
Read LOW to Data Bus LOW(3)
5—
5
—
5—
10
—
ns
tWLZ
Write HIGH to Data Bus Low-Z(3,4)
5
—
10
—
10
—
15
—
ns
tDV
Data Valid from Read HIGH
5
—
5
—
5
—
5
—
ns
tRHZ
Read HIGH to Data Bus High-Z(3)
—20
—
20
—25
—
30
ns
tWC
Write Cycle Time
40
—
45
—
50
—
65
—
ns
tWPW
WritePulseWidth(2)
30
—
35
—
40
—
50
—
ns
tWR
WriteRecoveryTime
10
—
10
—
10
—
15
—
ns
tDS
DataSet-upTime
18
—
18
—
20
—
30
—
ns
tDH
DataHoldTime
0
—
0
—
0
—
5
—
ns
tRSC
Reset Cycle Time
40
—
45
—
50
—
65
—
ns
tRS
ResetPulseWidth(2)
30
—
35
—
40
—
50
—
ns
tRSS
ResetSet-upTime(3)
30
—
35
—
40
—
50
—
ns
tRTR
Reset Recovery Time
10
—
10
—
10
—
15
—
ns
tRTC
RetransmitCycleTime
40
—
45
—
50
—
65
—
ns
tRT
RetransmitPulseWidth(2)
30
—
35
—
40
—
50
—
ns
tRTS
RetransmitSet-upTime(3)
30
—
35
—
40
—
50
—
ns
tRTR
RetransmitRecoveryTime
10
—
10
—
10
—
15
—
ns
tEFL
Reset to EF LOW
—40
—
45
—50
—
65
ns
tHFH,tFFH Reset to HF and FF HIGH
—
40
—
45
—
50
—
65
ns
tRTF
RetransmitLOWtoFlagsValid
—
40
—
45
—
50
—
65
ns
tREF
Read LOW to EF LOW
—30
—
30
—35
—
45
ns
tRFF
Read HIGH to FF HIGH
—
30
—
30
—
35
—
45
ns
tRPE
Read Pulse Width after EF HIGH
30
—
35
—
40
—
50
—
ns
tWEF
Write HIGH to EF HIGH
—
30
—
30
—
35
—
45
ns
tWFF
Write LOW to FF LOW
—30
—
30
—35
—
45
ns
tWHF
Write LOW to HF Flag LOW
—
40
—
45
—
50
—
65
ns
tRHF
Read HIGH to HF Flag HIGH
—
40
—
45
—
50
—
65
ns
tWPF
Write Pulse Width after FF HIGH
30
—
35
—
40
—
50
—
ns
tXOL
Read/Write LOW to XOLOW
—30
—
35
—40
—
50
ns
tXOH
Read/Write HIGH to XO HIGH
—
30
—
35
—
40
—
50
ns
tXI
XI Pulse Width(2)
30
—
35
—
40
—
50
—
ns
tXIR
XI Recovery Time
10
—
10
—
10
—
10
—
ns
tXIS
XISet-up Time
10
—
15
—
15
—
15
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com