Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1602SE-R Datasheet(PDF) 1 Page - MTRONPTI

Part # K1602SE-R
Description  14 DIP, 5.0 Volt, Sinewave, TCVCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1602SE-R Datasheet(HTML) 1 Page - MTRONPTI

  K1602SE-R Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
• Former
Product
• Phase-Locked Loops, SONET, Reference
Signal, Signal Tracking, ATM
K1602SE Series
14 DIP, 5.0 Volt, Sinewave, TCVCXO
Pin Connections
Revision: 10-16-06


Similar Part No. - K1602SE-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1602SE-R MTRONPTI-K1602SE-R Datasheet
274Kb / 2P
14 DIP, 5.0 Volt, Sinewave, TCVCXO
More results

Similar Description - K1602SE-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5162 MTRONPTI-XO5162 Datasheet
216Kb / 1P
14 pin DIP, 5.0 Volt, Sinewave, OCXO
MTXV MTRONPTI-MTXV Datasheet
58Kb / 1P
14 DIP, 5.0 Volt, HCMOS/TTL, TCVCXO
K1523BA MTRONPTI-K1523BA Datasheet
313Kb / 2P
14 DIP, 5.0 Volt, Sinewave, VCXO
K1601 MTRONPTI-K1601 Datasheet
324Kb / 2P
14 pin DIP, 5.0 Volt, Sinewave, TCXO
K1601TE MTRONPTI-K1601TE Datasheet
265Kb / 1P
14 pin DIP, 5.0 Volt, CMOS/TTL, TCVCXO
K1601 MTRONPTI-K1601_07 Datasheet
390Kb / 3P
14 pin DIP, 5.0 Volt, Sinewave, TCXO
K1601TE MTRONPTI-K1601TE_07 Datasheet
288Kb / 2P
14 pin DIP, 5.0 Volt, CMOS/TTL, TCVCXO
K1602SE MTRONPTI-K1602SE_07 Datasheet
274Kb / 2P
14 DIP, 5.0 Volt, Sinewave, TCVCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com