Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMN31 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PIMN31
Description  500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMN31 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PIMN31 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1.
Product profile
1.1 General description
500 mA, 50 V NPN/NPN double Resistor-Equipped Transistor (RET) in a small
SOT457 (SC-74) Surface-Mounted Device (SMD) plastic package.
1.2 Features
I 500 mA output current capability
I Built-in bias resistors
I Simplifies circuit design
I Reduces component count
I Reduces pick and place costs
I AEC-Q101 qualified
1.3 Applications
I Digital application in automotive and industrial segments
I Switching loads
1.4 Quick reference data
PIMN31
500 mA, 50 V NPN/NPN double resistor-equipped transistor;
R1 = 1 k
Ω, R2 = 10 kΩ
Rev. 01 — 19 June 2007
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
500
mA
R1
bias resistor 1 (input)
0.7
1
1.3
k
Ω
R2/R1
bias resistor ratio
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com