Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMSS3906 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMSS3906
Description  PNP switching transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMSS3906 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMSS3906 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMSS3906 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMSS3906 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMSS3906 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMSS3906 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMSS3906 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMSS3906 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMSS3906 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMSS3906 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2004 Jan 09
3
NXP Semiconductors
Product data sheet
PNP switching transistor
PMSS3906
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Refer to standard mounting conditions.
2.
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tinplated, standard footprint.
THERMAL CHARACTERISTICS
Notes
1.
Refer to standard mounting conditions.
2.
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tinplated, standard footprint.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PMSS3906
−
plastic surface mounted package; 3 leads
SOT323
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
−40
V
VCEO
collector-emitter voltage
open base
−
−40
V
VEBO
emitter-base voltage
open collector
−
−5
V
IC
collector current (DC)
−
−100
mA
ICM
peak collector current
−
−200
mA
IBM
peak base current
−
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; notes 1 and 2
−
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
notes 1 and 2
625
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com