Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLL5817 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PRLL5817
Description  Schottky barrier diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRLL5817 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PRLL5817 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRLL5817 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRLL5817 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRLL5817 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRLL5817 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRLL5817 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRLL5817 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRLL5817 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRLL5817 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Apr 22
4
NXP Semiconductors
Product data sheet
Schottky barrier diodes
PRLL5817; PRLL5818;
PRLL5819
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp = 300 μs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1.
Refer to SOD87 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
see Fig.2
PRLL5817
IF = 0.1 A
−
−
320
mV
IF = 1 A
−
−
450
mV
IF = 3 A
−
−
750
mV
VF
forward voltage
see Fig.2
PRLL5818
IF = 0.1 A
−
−
330
mV
IF = 1 A
−
−
550
mV
IF = 3 A
−
−
875
mV
VF
forward voltage
see Fig.2
PRLL5819
IF = 0.1 A
−
−
340
mV
IF = 1 A
−
−
600
mV
IF = 3 A
−
−
900
mV
IR
reverse current
VR = VRRMmax; note 1
−
0.5
1
mA
VR = VRRMmax; Tj = 100 °C
−
5
10
mA
Cd
diode capacitance
VR = 4 V; f = 1 MHz
PRLL5817
−
70
−
pF
PRLL5818
−
50
−
pF
PRLL5819
−
50
−
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
150
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com