Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLL5819 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PRLL5819
Description  Schottky barrier diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRLL5819 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PRLL5819 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Apr 22
5
NXP Semiconductors
Product data sheet
Schottky barrier diodes
PRLL5817; PRLL5818;
PRLL5819
GRAPHICAL DATA
handbook, halfpage
01
5
0
1
MBE634
2
3
4
0.5
VF (V)
IF
(A)
Tj = 125
oC
25 oC
Fig.2 Typical forward voltage.
Fig.3
PRLL817. Maximum values steady state forward power dissipation as a function of the average forward
current; a = IF(RMS)/IF(AV).
2
1
0
0
0.5
1.5
MBE642
1
(W)
0.5
PF(AV)
IF(AV) (A)
a = 3
2.5
1.57
1.42
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com