Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUML1/DG Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PUML1/DG
Description  50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUML1/DG Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PUML1/DG Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1.
Product profile
1.1 General description
NPN general-purpose transistor and NPN Resistor-Equipped Transistor (RET) in one
SOT363 (SC-88) very small Surface-Mounted Device (SMD) plastic package.
1.2 Features
I General-purpose transistor:
N 200 mA collector current IC
I Resistor-equipped transistor:
N Built-in bias resistors
I Simplifies circuit design
I Reduces component count
I Reduces pick and place costs
I Very small SMD plastic package
I AEC-Q101 qualified
1.3 Applications
I Inverter and switches
I Low-frequency amplifier
I Driver stages
1.4 Quick reference data
PUML1/DG
50 V, 200 mA NPN general-purpose transistor/
100 mA NPN resistor-equipped transistor
Rev. 01 — 14 July 2008
Product data sheet
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
TR1 (general-purpose transistor)
VCEO
collector-emitter voltage
open base
-
-
50
V
IC
collector current
-
-
200
mA
hFE
DC current gain
VCE =10V;
IC =2mA
210
-
340
TR2 (resistor-equipped transistor)
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com