Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT40GP60B2DF2 Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APT40GP60B2DF2
Description  POWER MOS 7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP60B2DF2 Datasheet(HTML) 6 Page - Advanced Power Technology

  APT40GP60B2DF2 Datasheet HTML 1Page - Advanced Power Technology APT40GP60B2DF2 Datasheet HTML 2Page - Advanced Power Technology APT40GP60B2DF2 Datasheet HTML 3Page - Advanced Power Technology APT40GP60B2DF2 Datasheet HTML 4Page - Advanced Power Technology APT40GP60B2DF2 Datasheet HTML 5Page - Advanced Power Technology APT40GP60B2DF2 Datasheet HTML 6Page - Advanced Power Technology APT40GP60B2DF2 Datasheet HTML 7Page - Advanced Power Technology APT40GP60B2DF2 Datasheet HTML 8Page - Advanced Power Technology APT40GP60B2DF2 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
APT40GP60B2DF2
Figure 22, Turn-on Switching Waveforms and Definitions
Figure 23, Turn-off Switching Waveforms and Definitions
90%
td(off)
tf
90%
10%
Collector Current
Collector Voltage
Gate Voltage
0
Switching Energy
T
J = 125 C
IC
A
D.U.T.
APT30DF60
VCE
Figure 21, Inductive Switching Test Circuit
VCC
10%
tr
10%
90%
5%
td(on)
5 %
TJ = 125 C
Switching Energy
Collector Voltage
Collector Current
Gate Voltage
*DRIVER SAME TYPE AS D.U.T.
IC
VCLAMP
100uH
VTEST
A
A
B
D.U.T.
DRIVER*
VCE
Figure 24, EON1 Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com