Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INDT166B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # INDT166B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT166B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button INDT166B Datasheet HTML 17Page - List of Unclassifed Manufacturers INDT166B Datasheet HTML 18Page - List of Unclassifed Manufacturers INDT166B Datasheet HTML 19Page - List of Unclassifed Manufacturers INDT166B Datasheet HTML 20Page - List of Unclassifed Manufacturers INDT166B Datasheet HTML 21Page - List of Unclassifed Manufacturers INDT166B Datasheet HTML 22Page - List of Unclassifed Manufacturers INDT166B Datasheet HTML 23Page - List of Unclassifed Manufacturers INDT166B Datasheet HTML 24Page - List of Unclassifed Manufacturers INDT166B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 21 of 40
(b) Receiver pixel interface
PX_CLK
PX_D[47:0],
PX_DE,
PX_HSYNC,
PX_VSYNC
t5/6
t7
Figure 3.6: Pixel Interface Timing Diagram At Rising Edge At Rx
Parameter
Description
Min.
Typ.
Max.
Unit
t5
Pixel data and ctrl signal setup time to pixel clock at Rx (SXGA)
1.8
4.0
4.4
ns
t6
Pixel data and ctrl signal setup time to pixel clock at Rx (UXGA)
1.6
3.0
4.2
ns
t7
Pixel data and ctrl signal hold time to pixel clock at Rx
0.5
1.2
1.4
ns
Table 3.12: Pixel Interface Timing Table At Rising Edge At Rx
PX_CLK
PX_D[47:0],
PX_DE,
PX_HSYNC,
PX_VSYNC
t8/9
t10
Figure 3.7: Pixel Interface Timing Diagram At Falling Edge At Rx
Parameter
Description
Min.
Typ.
Max.
Unit
t8
Pixel data and ctrl signal setup time to pixel clock at Rx (SXGA)
2.2
3.8
4.7
ns
t9
Pixel data and ctrl signal setup time to pixel clock at Rx (UXGA)
1.0
2.9
3.7
ns
t10
Pixel data and ctrl signal hold time to pixel clock at Rx
0.5
1.2
1.3
ns
Table 3.13: Pixel Interface Timing Table At Falling Edge At Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com