Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCMM02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCMM02
Description  Molded Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMM02 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCMM02 Datasheet HTML 1Page - Vishay Siliconix RCMM02 Datasheet HTML 2Page - Vishay Siliconix RCMM02 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RCMM
www.vishay.com
Vishay Sfernice
Revision: 27-Jul-2021
2
Document Number: 52006
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• RC41: 15 s
POWER RATING
TEMPERATURE RISE
MARKING
Printed: Vishay Sfernice trademark, series, ohmic value (in
Ω), tolerance (in %), temperature coefficient, manufacturing date.
Due to lack of space RCMM02 is printed MM02.
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
TYPICAL VALUES AND DRIFTS
Load life at max. category temperature
1000 h at 125 °C 35 % of
Pn
≤ ± (2 % + 0.1 Ω)
Insulation resist. > 1 G
Ω
± 0.75 % or 0.05
Ω
Insulation resist. 106 M
Ω
Short time overload
2.5 Un / 5 s
Limited to 2 Um
≤ ± (0.5 % + 0.05 Ω)
± 0.2 % or 0.05
Ω
Damp heat humidity
(steady state)
56 days
with low load
≤ ± (2 % + 0.1 Ω)
Insulation resist. > 100 M
Ω
± 0.5 % or 0.05
Ω
Insulation resist. 106 M
Ω
Rapid temperature change
-55 °C          +125 °C
≤ ± (0.5 % + 0.05 Ω)
± 0.1 % or 0.05
Ω
Climatic sequence
-55 °C          +125 °C
≤ ± (2 % + 0.1 Ω)
Insulation resist. > 100 M
Ω
± 0.1 % or 0.05
Ω
Insulation resist. 106 M
Ω
Terminal strength
Pull - twist - 2 bends
≤ ± (0.5 % + 0.05 Ω)
± 0.05 % or 0.05
Ω
Vibration
10 Hz to 500 Hz
≤ ± (0.5 % + 0.05 Ω)
± 0.05 % or 0.05
Ω
Soldering (thermal shock)
+260 °C, 10 s
≤ ± (0.5 % + 0.05 Ω)
± 0.1 % or 0.05
Ω
Load life
Cycle 90’/30’
1000 h at
Pn at 70 °C
≤ ± (2 % + 0.1 Ω)
Insulation resist. > 1 G
Ω
± 0.5 % or 0.05
Ω
Insulation resist. 106 M
Ω
Shelf life
1 year
ambient temperature
-
± 0.1 % or 0.05
Ω
AMBIENT TEMPERATURE IN °C
100
50
35
0
0
30
50
70
100
125
150
RATED POWER IN W
60
40
20
0
RCMM1
0
0.25
0.5
0.75
1
RCMM05
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SIZE
SPECIAL
OHMIC VALUE
TOLERANCE
TEMPERATURE
COEFFICIENT
PACKAGING
RCMM
02
05
10
As applicable.
Contact us.
The first three digits are
significant figures and
the last digit specifies
the number of zeros to
follow. R designates
decimal point.
1301 = 1.3 k
Ω
3301 = 3.3 k
Ω
22R0 = 22.0
Ω
1R22 = 1.22
Ω
G = 2 %
J = 5 %
K = K2,
100 ppm/K
AM500 = A20
AM1000 = A22
BAG100 = S14
BAG50 = S09
M
0
2
130
1
K
1
C
M
R
JS
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com