Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFX85 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFX85
Description  NPN switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFX85 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFX85 Datasheet HTML 1Page - NXP Semiconductors BFX85 Datasheet HTML 2Page - NXP Semiconductors BFX85 Datasheet HTML 3Page - NXP Semiconductors BFX85 Datasheet HTML 4Page - NXP Semiconductors BFX85 Datasheet HTML 5Page - NXP Semiconductors BFX85 Datasheet HTML 6Page - NXP Semiconductors BFX85 Datasheet HTML 7Page - NXP Semiconductors BFX85 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Apr 22
2
Philips Semiconductors
Product specification
NPN switching transistor
BFX85
FEATURES
• High current (max. 1 A)
• Low voltage (max. 60 V).
APPLICATIONS
• General purpose switching and amplification
• Industrial applications.
DESCRIPTION
NPN transistor in a TO-39 metal package.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1 Simplified outline (TO-39) and symbol.
handbook, halfpage
3
1
2
MAM317
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
100
V
VCEO
collector-emitter voltage
open base
−−
60
V
IC
collector current (DC)
−−
1A
Ptot
total power dissipation
Tamb ≤ 25 °C
−−
800
mW
Tcase ≤ 100 °C
−−
2.86
W
hFE
DC current gain
IC = 150 mA; VCE = 10 V
70
142
−
fT
transition frequency
IC = 50 mA; VCE = 10 V; f = 100 MHz
50
−−
MHz
toff
turn-off time
ICon = 150 mA; IBon = 15 mA; IBoff = −15 mA −
360
−
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com