Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELUMEESAQ2C22 Datasheet(PDF) 4 Page - ITT Industries

Part # ELUMEESAQ2C22
Description  Right Angle Illuminated Latching Pushbutton
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ELUMEESAQ2C22 Datasheet(HTML) 4 Page - ITT Industries

  ELUMEESAQ2C22 Datasheet HTML 1Page - ITT Industries ELUMEESAQ2C22 Datasheet HTML 2Page - ITT Industries ELUMEESAQ2C22 Datasheet HTML 3Page - ITT Industries ELUMEESAQ2C22 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ACTUATOR STYLE*
C02
BLACK WITHOUT WINDOW
C12
BLACK WITH WINDOW
.157
(3,99)
.197
(5,00)
.300
(7,62)
REF. SURFACE
.095 DIA.
.157
(3,99)
.197
(5,00)
.300
(7,62)
(2,41ø)
REF. SURFACE
C22
BLACK WITH WINDOW AND SNAP FEATURE TO ACCEPT CUSTOM CAP
FORCE TRAVEL DIAGRAM
A–6
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K ELUM
TM Series
Right Angle Illuminated Latching Pushbutton
Third Angle
Projection
TAPE & REEL
A
ACTUATOR POSITION
NO ACTUATION
FULL
ACTUATION
FORCE
FORCE
TRAVEL
LATCH
SWITCH
1
0
0
1
N.O.
N.C.
250g
75g
+
–
FULL ACTUATION
NO
ACTUATOR
SWITCH
ACTUATION
POSITION
FULL ACTUATION
.169
.020
4,3
0.5mm
.300
.020
.233
.020
7,6
0.5mm
5,9
0.5mm
LATCH
+
–
+
–
+
–
2,5
0.5mm
+
–
.100
.020
+
–
+
–
+
–
+
–
* Custom actuators available, please contact Customer Service.
0.030
(0,76)
.160
(4,06)
.190
(4,83)
.200
(5,08)
.080
(2,03)
.090
(2,29)
.131 DIA.
(3,33ø)
SNAP VIEW
SNAP DETAIL
.045
(1,14)
.080
(2,03)
.125
(3,18)
0.035
(0,89)
0.378
(9,60)
.025
(0,63)
.275
(6,99)
1.031
(26,19)
2.062
(52,37)
2.205
(56,01)
.157
(4,0)
.786
(19,96)
.079
(2,0)
.157
(4,0)
.059 DIA.
(1,50Ø)
ELONGATED HOLES
FEED DIRECTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com