Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2104X Datasheet(PDF) 2 Page - Motorola, Inc

Part # PCF2104X
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104X Datasheet(HTML) 2 Page - Motorola, Inc

  PCF2104X Datasheet HTML 1Page - Motorola, Inc PCF2104X Datasheet HTML 2Page - Motorola, Inc PCF2104X Datasheet HTML 3Page - Motorola, Inc PCF2104X Datasheet HTML 4Page - Motorola, Inc PCF2104X Datasheet HTML 5Page - Motorola, Inc PCF2104X Datasheet HTML 6Page - Motorola, Inc PCF2104X Datasheet HTML 7Page - Motorola, Inc PCF2104X Datasheet HTML 8Page - Motorola, Inc PCF2104X Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
1997 Dec 16
2
Philips Semiconductors
Product specification
LCD controller/driver
PCF2104x
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
3.1
Packages
3.2
Available types
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING
7
PIN FUNCTIONS
7.1
RS: register select (parallel control)
7.2
R/W: read/write (parallel control)
7.3
E: data bus clock (parallel control)
7.4
DB0 to DB7: data bus (parallel control)
7.5
C1 to C60: column driver outputs
7.6
R1 to R32: row driver outputs
7.7
VLCD: LCD power supply
7.8
OSC: oscillator
7.9
SCL: serial clock line
7.10
SDA: serial data line
7.11
SA0: address pin
7.12
T1: test pad
8
FUNCTIONAL DESCRIPTION
8.1
LCD bias voltage generator
8.2
Oscillator
8.3
External clock
8.4
Power-on reset
8.5
Registers
8.6
Busy Flag
8.7
Address Counter (AC)
8.8
Display data RAM (DDRAM)
8.9
Character generator ROM (CGROM)
8.10
Character generator RAM (CGRAM)
8.11
Cursor control circuit
8.12
Timing generator
8.13
LCD row and column drivers
8.14
Programming of MUX 1 : 16 displays with
PCF2104x
8.15
Programming of MUX 1 : 32 displays with
PCF2104x
8.16
Reset function
9
INSTRUCTIONS
9.1
Clear display
9.2
Return home
9.3
Entry mode set
9.3.1
I/D
9.3.2
S
9.4
Display on/off control
9.4.1
D
9.4.2
C
9.4.3
B
9.5
Cursor/display shift
9.6
Function set
9.6.1
DL (parallel mode only)
9.6.2
N, M
9.7
Set CGRAM address
9.8
Set DDRAM address
9.9
Read busy flag and address
9.10
Write data to CGRAM or DDRAM
9.11
Read data from CGRAM or DDRAM
10
INTERFACE TO MICROCONTROLLER
(PARALLEL INTERFACE)
11
INTERFACE TO MICROCONTROLLER
(I2C-BUS INTERFACE)
11.1
Characteristics of the I2C-bus
11.2
Bit transfer
11.3
Start and stop conditions
11.4
System configuration
11.5
Acknowledge
11.6
I2C-bus protocol
12
LIMITING VALUES
13
HANDLING
14
DC CHARACTERISTICS
15
AC CHARACTERISTICS
16
TIMING DIAGRAMS
17
APPLICATION INFORMATION
17.1
8-bit operation, 2
× 12 display using internal
reset
17.2
4-bit operation, 2
× 12 display using internal
reset
17.3
8-bit operation, 2
× 24 display
17.4
I2C operation, 2
× 12 display
17.5
Initializing by instruction
18
BONDING PAD LOCATIONS
19
DEFINITIONS
20
LIFE SUPPORT APPLICATIONS
21
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com