Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SED1336 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SED1336
Description  CMOS GRAPHIC LCD/TV CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SED1336 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SED1336 Datasheet HTML 3Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 4Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 5Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 6Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 7Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 8Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 9Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 10Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
159
° 6800-Family Interface Timing
E
R/W
AO, CS
D0 to D7
(Write)
D0 to D7
(Read)
tCYC
tAW6
tEW
tAH6
tDH6
tDS6
tOH6
tACC6
Note: tCYC6 indicates the interval during which CS is LOW and E is HIGH.
Signal
Symbol
Parameter
VDD = 4.5 to 5.5V
VDD = 3.0 to 4.5V
Unit
Condition
min
max
min
max
A0,
tCYC6
System cycle time
See note
—
See note
—
ns
CS,
tAW6
Address setup time
0
—
10
—
ns
R/W
tAH6
Address hold time
0
—
0
—
ns
tDS6
Data setup time
100
—
120
—
ns
CL =
D0 to D7
tDH6
Data hold time
0
—
0
—
ns
100 pF
tOH6
Output disable time
10
50
10
70
ns
tACC6
Access time
—
85
—
120
ns
EtEW
Enable pulsewidth
120
—
140
—
ns
Ta = –20 to 75
°C
Note: For memory control and system control commands:
tCYC6 = 2tC + tEW + tCEA + 75 > tACV + 245
For all other commands:
tCYC6 = 4tC + tEW + 30
SED1336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com