Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SED1561 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SED1561
Description  Low-power operation: 8 umA 1 kHz, 6V LCD
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SED1561 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SED1561 Datasheet HTML 3Page - List of Unclassifed Manufacturers SED1561 Datasheet HTML 4Page - List of Unclassifed Manufacturers SED1561 Datasheet HTML 5Page - List of Unclassifed Manufacturers SED1561 Datasheet HTML 6Page - List of Unclassifed Manufacturers SED1561 Datasheet HTML 7Page - List of Unclassifed Manufacturers SED1561 Datasheet HTML 8Page - List of Unclassifed Manufacturers SED1561 Datasheet HTML 9Page - List of Unclassifed Manufacturers SED1561 Datasheet HTML 10Page - List of Unclassifed Manufacturers SED1561 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
S-MOS Systems, Inc. • 150 River Oaks Parkway • San Jose, CA 95134 • Tel: (408) 922-0200 • Fax: (408) 922-0238
7
174-3.0
1.0 Overview
1.0 – 1.3
1.1 DESCRIPTION
The SED1560 Series are intelligent CMOS LCD driver-
controllers with the ability to drive alphanumeric and
graphic displays. The SED1560 Series communicates
with a high-speed microprocessor, such as the Intel
80XX family or the Motorola 68XX family, through
either a serial or an 8-bit parallel interface. It stores the
data sent from the microprocessor in the built-in display
data RAM (166
× 65 bits) and generates an LCD drive
signal. These devices incorporate an internal DC/DC
converter to generate the negative voltage needed for
LCD contrast. The controllers feature software contrast
adjustment by command setting.
The three different versions of the SED1560 Series
support the following duty ratios and display sizes:
Model
Duty Ratio
SEG
× COM
SED1560
1/65, 1/64, 1/49, 1/48
102
× 65
SED1561
1/33, 1/32, 1/25, 1/24
134
× 33
SED1562
1/17, 1/16
150
× 17
1.2 FEATURES
• Low-power operation: 8
µA @ 1 kHz, 6V LCD
• 350
µA current consumption during CPU access
@ 200 kHz
• Direct interface to both 80XX and 68XX, 5 MHz,
zero wait-state
• On-chip display data RAM (166
× 65 bits)
• On-chip DC/DC converter for LCD voltage
• On-chip voltage regulator and low-power volt-
age follower
• –.17% /
°C temperature gradient
• On-chip oscillator with external resistor
• 32 levels of contrast adjustment by software
• Supports master/slave operation
• Selectable output configuration
• 2.4V to 6.0V supply voltage
• 3.5V to 16V LCD voltage
• Package: TAB 2 side
T0B
TAB 4 side
TQA
Al pad
D*A
Au bump
D*B
BGA 225 pad
B0A
1.3 SYSTEM BLOCK DIAGRAMS
20 CHAR
× 8 LINES
SED1560
CPU
80xx
68xx
RES
CS
D0 ~ D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com