Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831752AGILFT Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 831752AGILFT
Description  Clock Switch for ATCA/AMC and PCIe Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831752AGILFT Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 831752AGILFT Datasheet HTML 7Page - Renesas Technology Corp 831752AGILFT Datasheet HTML 8Page - Renesas Technology Corp 831752AGILFT Datasheet HTML 9Page - Renesas Technology Corp 831752AGILFT Datasheet HTML 10Page - Renesas Technology Corp 831752AGILFT Datasheet HTML 11Page - Renesas Technology Corp 831752AGILFT Datasheet HTML 12Page - Renesas Technology Corp 831752AGILFT Datasheet HTML 13Page - Renesas Technology Corp 831752AGILFT Datasheet HTML 14Page - Renesas Technology Corp 831752AGILFT Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
©2016 Integrated Device Technology, Inc
Revision B June 28, 2016
831752 Data Sheet
2.5V Differential Clock Input Interface
The CLK/nCLK accepts HCSL, LVDS and LVPECL and other
differential signals. Both differential signals must meet the VPP and
VCMR input requirements. Figures 4A to 4 E show interface examples
for the CLK/nCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. If the driver is
from another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver
termination requirements. The figures below also apply to FCLK/
nFCLK operating as an input.
Figure 4A. CLK/nCLK Input Driven by a 2.5V LVPECL
Driver
Figure 4C. CLK/nCLK Input Driven by a 2.5V LVPECL
Driver
Figure 4E. CLK/nCLK Input Driven by a 2.5V LVDS Driver
Figure 4B. CLK/nCLK Input Driven by a 2.5V HCSL Driver
Figure 4D. CLK/nCLK Input Driven by a 2.5V LVPECL
Driver with AC Couple
HCSL
*R3
33
*R4
33
CLK
nCLK
2.5V
2.5V
Zo = 50
Zo = 50
Differential
Input
R1
50
R2
50
*Optional – R3 and R4 can be 0
R1
125
R2
125
R5
100 - 200
R6
100 - 200
CLK
nCLK
2.5V LVPECL
2.5V
Zo = 50
Ω
Zo = 50
Ω
2.5V
Differential
Input
C1
C2
R3
84
R4
84
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com